Electronic Components Datasheet Search
  English  ▼

X  

DP8428 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8428 Datasheet HTML 18Page - National Semiconductor (TI) DP8428 Datasheet HTML 19Page - National Semiconductor (TI) DP8428 Datasheet HTML 20Page - National Semiconductor (TI) DP8428 Datasheet HTML 21Page - National Semiconductor (TI) DP8428 Datasheet HTML 22Page - National Semiconductor (TI) DP8428 Datasheet HTML 23Page - National Semiconductor (TI) DP8428 Datasheet HTML 24Page - National Semiconductor (TI) DP8428 Datasheet HTML 25Page - National Semiconductor (TI) DP8428 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Switching Characteristics DP8428 and DP8429 (Continued)
VCC e 50V g 10% 0 C s TA s 70 C unless otherwise noted (Notes 2 4 5) The output load capacitance is typical for 4
banks of 22 DRAMs each or 88 DRAMs including trace capacitance
These values are Q0-Q9 CL e 500 pF RAS0–RAS3 CL e 150 pF WE CL e 500 pF CAS CL e 600 pF RL e 500X
unless otherwise noted See
Figure 11 for test load Maximum propagation delays are specified with all outputs
switching
Preliminary
Symbol
Refresh Parameter
Condition
CL
All CL e 50 pF
Units
Min
Max
Min
Max
tRC
Refresh Cycle Period
Figure 2a
100
ns
tRASINLH
Pulse Width of RASIN
Figure 2a
50
ns
during Refresh
tRFPDL0
RASIN to RAS Low Delay
Figure 2a
28
ns
during Refresh (Mode 0)
tRFPDL5
RASIN to RAS Low Delay
Figure 7
38
ns
during Hidden Refresh
tRFPDH0
RASIN to RAS High Delay
Figure 2a
35
ns
during Refresh (Mode 0)
tRFPDH5
RASIN to RAS High Delay
Figure 7
44
ns
during Hidden Refresh
tRFLCT
RFSH Low to Counter
Figures 2a 3
38
ns
Address Valid
CS e X
tRFLRL
RFSH Low Set-up to RASIN
Figure 2a
12
ns
Low (Mode 0) to get
Minimum tASR e 0
tRFHRL
RFSH High Setup to Access
Figure 3
25
ns
RASIN Low
tRFHRV
RFSH High to Row
Figure 3
43
ns
Address Valid
tROHNC
RAS High to New Count
Figure 2a
42
ns
Valid
tRST
Counter Reset Pulse Width
Figure 2a
60
ns
tCTL
RFIO Low to Counter
Figure 2a
100
ns
Outputs All Low
tRFCKLH
Minimum Pulse Width
Figure 7
100
ns
of RFCK
T
Period of RAS Generator
Figure 3
30
ns
Clock
tRGCKL
Minimum Pulse Width Low
Figure 3
15
ns
of RGCK
tRGCKH
Minimum Pulse Width High
Figure 3
15
ns
of RGCK
tFRQL
RFCK Low to Forced RFRQ
Figure 3
66
ns
(RFIO) Low
CL e 50 pF
RL e 35k
tFRQH
RGCK Low to Forced RFRQ
Figure 3
55
ns
High
CL e 50 pF
RL e 35k
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com