Electronic Components Datasheet Search
  English  ▼

X  

PCM16C02 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 24Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 25Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 26Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 27Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 28Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 29Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 30Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 31Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Attribute Memory Write Cycle Specifications
(See
Figure 2 )
Symbol
Path
VCC
(V)
Commercial
Units
TA e 0 Cto a70 C
Min
Max
tcW
Write Cycle Time
475
250
ns
30
250
tw(WE)
Write Enable Pulse Width
475
60
ns
30
60
tsu(A)
HADDR Setup Time to HWE Falling
475
30
ns
30
30
tsu(D-WEH)
HDATA Setup Time to HWE Rising
475
10
ns
30
10
th(D)
HDATA Hold Time from HWE Rising
475
15
ns
30
15
th(A)
HADDR Hold Time from HWE Rising
475
20
ns
30
20
tsu(OE-WE)
Output Enable Setup to HWE Falling
475
10
ns
30
10
th(OE-WE)
Output Enable Hold from HWE Rising
475
10
ns
30
10
tsu(CE)
CE1 Setup Time to HWE Falling
475
0
ns
30
0
th(CE)
CE1 Hold Time from HWE Rising
475
20
ns
30
20
Parameter guaranteed by design
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com