Electronic Components Datasheet Search
  English  ▼

X  

PCM16C02 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PCM16C02 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
30 Pinout Description
TABLE 3-1 PC Card Host-Side Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
HDATA(150)
IO
39 – 41 43 45
TTL 6 mA
l
100k to GND
PC Card Host Data Bus
46 66 – 71 73 – 76
HADDR(120)
I
47 – 52 54 – 56
TTL
l
100k to GND
PC Card Host Address Bus
59 60 62 64
HOE
I
63
TTL
l
100k to VCC
PC Card Host uses this pin to read
common or attribute memory space
HWE
I
58
TTL
l
100k to VCC
PC Card Host uses this pin to write
common or attribute memory space
HIORD
I
79
TTL
l
100k to VCC
PC Card Host uses this pin to read IO
memory space
HIOWR
I
80
TTL
l
100k to VCC
PC Card Host uses this pin to write IO
memory space
IREQ
O
57
CMOS 6 mA
Interrupt Request signal to PC Card Host
HWAIT
O
33
CMOS 6 mA
This pin allows the PCM16C02 to insert
wait states in a PC Card transaction
IOIS16
O
42
CMOS 6 mA
Low indicates this IO access to the card
is capable of 16-bit access Function 0
and 1 may use their IOCS16(10)
respectively to control this signal and
inform the host if a 16-bit access to the
target is feasible
INPACK
O
34
CMOS 6 mA
Signals a valid IO read
CE1
I
65
TTL
l
100k to VCC
Indicates even address byte Odd
addresses are not released CE1
and
CE2
assertion encodings are specified
by the PC Card Standard
CE2
I
78
TTL
l
100k to VCC
Indicates odd addressing only CE1
and
CE2
assertion encodings are specified
by the PC Card Standard
REG
I
35
TTL
l
100k to VCC
Indicates access to attribute memory
space or IO address space REG
must
be high to access common memory
space
RESET
I
32
TTL Schmitt
l
100k to VCC
Asynchronously resets the PCM16C02
SPKR
O
37
CMOS 6 mA
If Audio bits are set in the Card
Configuration Status Register and in
either of the Function Configuration
Status Registers 01 then SPKR
is
invert of SPK
IN pin else SPKR
is
high
STSCHG
O
38
CMOS 6 mA
STSCHG
is asserted when the
Changed bit and SigChg bit are set in the
Card Configuration Status Register
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com