Electronic Components Datasheet Search
  English  ▼

X  

PCM16C02 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PCM16C02 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLF11688
July 1995
PCM16C02
Configurable Multiple Function PC Card Interface Chip
General Description
National’s PCM16C02 acts as a standard interface between
the PC Card Host bus and local card busses found on IO
and memory PC Cards This device allows the card designer
to focus on the design of the IO functions while providing a
one-chip solution for IO memory window control EEPROM
interfacing and power management The PCM16C02 was
specifically designed to take advantage of those functions
that don’t require card-side bus arbitration while not giving
up any of the non-arbitration related functionality However
if card-side bus arbitration is required refer to the
PCM16C00 datasheet
The PCM16C02 provides a PC Card interface for any two
ISA like functions as function 0 and function 1 which allows
two functions to be placed on a single PC Card
In addition the PCM16C02 provides the capability to config-
ure function 0 as a NAND Flash (NM29N16) interface sup-
porting all of the necessary control signals required to hand-
shake with NAND Flash (NM29N16) memory devices
The PCM16C02 is fully compliant with the PC Card Stan-
dard This multi-function IC allows the system software to
setup IO decode windows and provides the Attribute mem-
ory decode control that allow attribute read and write data
transfers
Note PC Card refers to technology developed to the PC
Card Standards determined by the PCMCIA Standards
Committee
Features
Y
PC Card bus interface
Y
PC Card Standard configuration registers
Y
100 pin TQFP package
Y
Function 0 configurable as NAND Flash (NM29N16) in-
terface
Y
Serial EEPROM Interface compatible with
MICROWIRETM EEPROM protocol
Y
1-kbyte on chip RAM for attribute memory which shad-
ows the CIS and is used for loading static registers
Y
Address decoding and control for 2 IO functions
Y
Logic to support two interrupt capable ISA like IO
functions on a PC card
Y
Power management and clock control
Y
Common memory logic for common memory devices in-
cluding NOR Flash devices
Y
Operating voltage range e VCC(opr) e 3VE50V
10 System Diagram
TLF11688 – 20
Note
The PCM16C02 interfaces to any 2 ISA like functions as function 0 and function 1
FIGURE 1-1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A


Similar Part No. - PCM16C02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
Configurable Multiple Function PCMCIA Interface Chip
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
Configurable PC Card Interface Chip
More results

Similar Description - PCM16C02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
Configurable Multiple Function PCMCIA Interface Chip
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
Configurable PC Card Interface Chip
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com