Electronic Components Datasheet Search
  English  ▼

X  

PCM16C02 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
30 Pinout Description (Continued)
TABLE 3-4 Miscellaneous Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
TEST(0)
I
85
TTL
l
100k to GND
Test pin This pin should be left disconnected for
normal operation
VCC(30)
Power
84 61
Power Voltage
44 16
GND(60)
Power
88 77 72
Return Voltage
53 36 20 6
TABLE 3-5 NAND Flash (NM29N16) Mode Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
ALE
O
31
CMOS 6 mA
Address Latch Enable
(Note 1)
CLE
O
28
CMOS 6 mA
Command Latch Enable
WE
O
29
CMOS 6 mA
Write Enable
(Note 1)
RE
O
30
CMOS 6 mA
Read Enable
RDYBSY
I
27
TTL
l
100k to VCC
ReadyBusy Input
CE
NAND (30)
O
23 26
CMOS 6 mA
Chip Enables for NAND Flash (NM29N16) Devices
(Note 1)
14 25
Note 1
The ALE WE
CE
NAND(0)
and CE
NAND(1)
pins are inputs (I) when function 0 is NOT configured for the NAND Flash (NM29N16) Mode
Pin Total
Host-Side Interface Pins
44
EEPROM Interface Pins
4
Card-Side Interface Pins
40
Miscellaneous Pins
12
Total Pins
100
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com