Electronic Components Datasheet Search
  English  ▼

X  

PCM16C02 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PCM16C02 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
30 Pinout Description (Continued)
TABLE 3-2 Serial EEPROM Interface Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
EEDIEEDO
IO
81
TTL 6 mA
Serial Data in fromout to EEPROM
EECS
O
83
CMOS 6 mA
EEPROM Chip Select
EESK
O
82
CMOS 6 mA
EEPROM Clock Freq e MCLK(0)32
Note
The Enable EEPROM function is performed in software by writing to the EEPROM Control Register The Enable EEPROM bit will default to low (disabled)
upon power on
TABLE 3-3 Card-Side Interface Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
LDATA(150)
IO
1 – 5 7 – 13
TTL 6 mA
Hold Circuit
Card-side Data Bus
97 – 100
(Note 1)
SPK
IN
I
86
TTL Schmitt
Input Audio Signal
RI
IN(0)
I (Note 2)
23
TTL Schmitt
Ring Indicator for function 0
RI
IN(1)
I
87
TTL Schmitt
Ring Indicator for function 1
CIORD
O
19
CMOS 6 mA
IO read signals are passed through from HIORD
according to the expression shown below when a
valid address is decoded
CIORD
e
HIORD
a
REG
a
(CE1
CE2 )
CIOWR
O
18
CMOS 6 mA
IO write signals are passed through from HIOWR
according to the expression shown below when a
valid address is decoded
CIOWR
e
HIOWR
a
REG
a
(CE1
CE2 )
CWAIT(10)
I (Note 2)
96 31
TTL
Card-side transaction wait state inputs
CS(10)
O
95 30
CMOS 6 mA
Chip select for each function
BHE
O
17
CMOS 6 mA
Byte high enable When de-asserted and CS( )
asserted an 8-bit access on LDATA(70) is in
progress This holds for both odd and even
addresses When asserted and CS( )
asserted a
16-bit access on LDATA(150) is in progress
READY(10)
I
92 27
TTL
l
100k to VCC
Indicates that the function is either READY or
E
READY (ie - Busy) This signal is used to assert
the RdyBsy
bit in Pin Replacement Registers
CINT(10)
I (Note 2)
94 29
TTL Schmitt
Card-side interrupt input signals
SRESET(10)
O
93 28
CMOS 6 mA
Signals reset to Card-side functions
IOCS16(10)
I (Note 2)
91 26
TTL
This pin is asserted during an access to a function if
that function is capable of a 16-bit access
PCNTL(10)
O
15 14
CMOS 6 mA
Power management control signals or general
outputs
MCLK(10)
I
90 24
TTL Schmitt
Input clocks for function 0 and function 1
FCLK(10)
O
89 25
CMOS 6 mA
Output clock signals for function 0 and function 1
These may be gated onoff or be a divided value of
MCLK(10)
MEMWEH
O Tri
21
CMOS 6 mA
l
10k to VCC
Common Memory write output for upper byte of data
word
MEMWEL
O Tri
22
CMOS 6 mA
l
10k to VCC
Common Memory write output for lower byte of data
word
Note 1
The Hold Circuit will hold the signal to the logic value it was last set to when the line is TRI-STATE
This will insure that inputs do not float during a
TRI-STATE condition
Note 2
The CWAIT(0) CINT(0) RI
IN(0) and IOCS16(0)
pins are outputs (O) when function 0 is configured for the NAND Flash (NM29N16) Mode
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com