Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 114 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 114 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 118Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-108
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Geometry Primitives
The ProMedia supports the following geometry primitives:
line, and polygon. Each geometry primitive can be further
modified for 3D, shading, and texture mapping. A different
mechanism, called sequential loading, performs the geometry
primitive set up operation.
Loading Mechanism
There are two ways to set up a geometry primitive, random
loading and sequential loading. Like the random access, the
order is not important in random loading, but the address is.
Writing to a certain address in the register space causes a
certain pre-determined action.
On the other hand, like
sequential access, the order decides the data semantics in
sequential loading. The ProMedia uses sequential loading in
the Rasterization Engine and the Setup Engine.
In the ProMedia, parameters don’t have to be the fixed
addresses. ProMedia parameters are treated as a data stream
and interpreted based on the type of primitive. Parameters
must be set in a stream as follows:
6WUHDP %\WHV
'DWD
6WUHDP +HDG

3DUDPHWHU 
3DUDPHWHU  3DUDPHWHU 
3DUDPHWHU Q

3
3

3Q

P1 is the number of bytes for parameter 1, P2-P1 for
parameter 2, etc.
For the Rasterization Engine, there are 9 kinds of parameters:
Bresenham Edge, DDA Edge, Z, Texture, Perspective, Color,
Specular/fog Start, Specular, and Fog.
Parameters must
appear in the following order:
Edge(Major), Texture, Perspective, Color, Specular/fog Start,
Specular, Fog, Z, Edge(Minor)
There are two kinds of edges and only one kind can appear in
a parameter stream. Bresenham Edge can only appear in 2D
primitives (without values for iterators).
For the Setup Engine, there is only one kind of parameter:
vertex.
However, each primitive could have one or three
vertices. The size of each vertex is variable depending on
triangle attribute.
Only polygon and line primitives can use this sequential
loading feature. In the following sections, each primitive is
addressed in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com