Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-105
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Digital TV Control Registers
CRD3-D0 – VGA / Digital TV Sync Control 1................RW
31-27 Reserved
........................................ always reads 0
26-16 Vertical Data Load
15
VGA Slave Mode for DTV
0
Disable ...................................................default
1Enable
14
H/V Data Load
0
Disable ...................................................default
1Enable
13
Digital Hsync Direction
0
Input .....................................................default
1Output
12-9 Reserved
........................................ always reads 0
8-0
Horizontal Data Load
(see also CRD8, Digital TV Interface Control)
VGA Extended Registers – CRTC Shadow
Read/Write of Shadow registers is controlled by extended
register GR30[6] (port 3CE/3CF index 30h). If GR30[6]=1,
read/write operations to CRTC indices 0, 3-7, 10-11, and 16
are performed to the shadow registers instead of to the normal
registers. Bit definitions for these registers are identical to the
standard CRTC register set.
CR00 – Shadow Horizontal Total ................................... RW
CR03 – Shadow Horizontal Blank End .......................... RW
CR04 – Shadow Horizontal Retrace Start...................... RW
CR05 – Shadow Horizontal Retrace End ....................... RW
CR06 – Shadow Vertical Total ........................................ RW
CR07 – Shadow Overflow................................................ RW
CR10 – Shadow Vertical Retrace Start .......................... RW
CR11 – Shadow Vertical Retrace End............................ RW
CR16 – Shadow Vertical Blanking End.......................... RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com