Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 106Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-102
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CR9D – Capture Control 2...............................................RW
7
Capture DTV / CCIR Format Select
0
CCIR .....................................................default
1DTV
6-4
Horizontal Filter Tap
0xx Bypass ....................................................default
100 2 Tap
101 3Tap
110 5 Tap
111 9 Tap
3
UV Swap
0
Normal ...................................................default
1Swap
2
YUV Swap
0
Normal ...................................................default
1Swap
1
Philips 9051 Format Select
0
Normal ...................................................default
1
UV9051 Format
0
TV 8-Bit Control
0
16-bit capture input ................................default
1
8-bit capture input
CR9E – Capture Control 3...............................................RW
7-6
Capture Input Data Mode
00 YUV 4:2:2..............................................default
01 YUV 4:1:1
10 RGB 565
11 -reserved-
5
CGS Clock Double
0
Normal ...................................................default
1
Double
4
Capture Clock Polarity
0
Normal ...................................................default
1
Invert
3-2
Capture Clock Delay Select
00 No delay .................................................default
01 3 ns
10 6 ns
11 9 ns
1Hsync Delay
0
Normal ...................................................default
1
Delay
0
PCI Frame Start and Busy
0
PCI Video Not Busy...............................default
1
PCI Video Busy
CR9F – Capture Control 4 .............................................. RW
7-6
Capture Interrupt Source
00 Capture vsync ........................................ default
01 Capture even field
10 Capture odd field
11 Capture blank
5
IBM MPEG2 Mode Enable
0
Normal ................................................... default
1
IBM MPEG2 Mode
4
Production Test Mode for Capture
0
Normal ................................................... default
1
For test purposes, the ESYNC# pin is used
instead of capture Vsync and EDCLK# is used
instead of external CLK
3-1
Capture Clock Divide Factor Select
Capture clock divide factor when the internal pixel
clock is source:
000 Divide by 1 ............................................ default
001 Divide by 2
010 Divide by 3
011 Divide by 4
100 Divide by 5
101 Divide by 6
110 Select 14.318 MHz Clock
111 Select 28.636 MHz Clock
0
Capture Clock Select
0
Use external capture clock..................... default
1
Use internal pixel clock divided by the factor
above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com