Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 106Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-103
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CRA1-A0 – Capture Vertical Total .................................RW
15-11 Reserved
........................................ always reads 0
10-0 Capture Vertical Total
CRA3-A2 – Capture Horizontal Total ............................RW
15-9 Reserved
........................................ always reads 0
8-0
Capture Horizontal Total
CRA5-A4 – Capture Vertical Start .................................RW
15-11 Reserved
........................................ always reads 0
10-0 Capture Vertical Start
CRA7-A6 – Capture Vertical End ...................................RW
15-11 Reserved
........................................ always reads 0
10-0 Capture Vertical End
CRA9-A8 – Capture Horizontal Start.............................RW
15-10 Reserved
........................................ always reads 0
9-0
Capture Horizontal Start
CRAB-AA – Capture Horizontal End.............................RW
15-10 Reserved
........................................ always reads 0
9-0
Capture Horizontal End
CRAC – Capture Vertical Sync Pulse Width .................RW
7-4
Reserved
........................................ always reads 0
3-0
Capture Vertical Sync Pulse Width
CRAD – Capture Horizontal Sync Pulse Width.............RW
7-6
Reserved
........................................ always reads 0
5-0
Capture Horizontal Sync Pulse Width
CRAE – Capture CRTC Control .................................... RW
7Time Base
0
One Time Base ...................................... default
1Two Time Base
6Frame Reset
0
Field reset .............................................. default
1
Frame reset
5
Capture Clock Divide by 2
0
Select original capture clock.................. default
1
Select inverted capture clock before divide by
two
4
Odd / Even Field Invert
0
Normal ................................................... default
1
Invert
3
CRTC Hsync Load
0
Enable .................................................... default
1
Disable
2
CRTC Vsync Load
0
Enable .................................................... default
1
Disable
1
CRTC Horizontal Reset
0
Enable .................................................... default
1
Disable
0
CRTC Vertical Reset
0
Enable .................................................... default
1
Disable
CRAF – Capture CRTC Control .................................... RW
7
Video Exist Select
0
Video exist capture ................................ default
1
Always capture
6
Capture Sync and Direct
0
Input .................................................... default
1Output
5
Reserved
........................................ always reads 0
4
Capture CRTC Input Clock Mode
0
Normal ................................................... default
1
Clock divided by 2 when in 8-bit pixel bus
mode
3
External CRTC Input Clock Mode
0
Clock devided by 1 ................................ default
1
Clock devided by 2
2
External Pixel Clock Mode
0
Clock devided by 1 ................................ default
1
Clock devided by 2
1
CRTC Mode
0
Targa Mode ........................................... default
1
XPCV Mode
0
MPEG2 Vsync Select
0
Original Vsync....................................... default
1
Field ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com