Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 106Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-104
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CRB1-B0 – Capture Horizontal Minify Factor ..............RW
15
Reserved
........................................ always reads 0
14-10 Planar Capture FIFO Level (for both U and V)
9-0
Capture Horizontal Minify Factor
CRB3-B2 – Capture Vertical Minify Factor...................RW
15
Reserved
........................................ always reads 0
14-10 Planar Capture FIFO Threshold (for both U & V)
9-0
Capture Vertical Minify Factor
CRB5-B4 – DST Pixel Width Count................................RW
15-12 Reserved
........................................ always reads 0
11-0 DST Pixel Width Count
CRB7-B6 – DST Pixel Height Count ...............................RW
15-11 Reserved
........................................ always reads 0
10-0 DST Pixel Height Count
CRB8 – Capture FIFO Control 1 ....................................RW
7-6
Capture FIFO Page Break
00 8 level.....................................................default
01 16 level
1x 32 level
5
Interlace Double Buffering
0
Disable ...................................................default
1Enable
4-0
Capture FIFO Level Control
0
Targa Mode ............................................default
1
XPCV Mode
CRB9 – Capture FIFO Control 2 ....................................RW
7
ENNENZOOM
6
Planar 422 Display
0
Disable ...................................................default
1Enable
5
Planar Mode Window Indicator
Indicate which window is in planar mode
4-0
Capture FIFO Request Threshold Control
0
Targa Mode ............................................default
1
XPCV Mode
CRBB-BA – Chromakey Comp Data 0 Low .................. RW
15-0 Chromakey Compare Data 0 (Lower Threshold
CRBD-BC – Chromakey Comp Data 0 High ................. RW
15-0 Chromakey Compare Data 0 (Higher Threshold
CRBE – Capture Control ................................................ RW
7-6
Reserved
........................................ always reads 0
5
Video WBUF Status ............................................ RO
0
Empty .................................................... default
1
Not empty
4
Second Aperture Direct Access (bypass video
capture)
3
Interpolation Control
2
Video Engine Clock Enable
0
Off
.................................................... default
1On
1
Flicker-Free Function
0
Disable................................................... default
1
Flicker-free when input is in interlace mode
0
Reserved
........................................ always reads 0
CRBF – Display Engine Flags 4 ...................................... RW
7
Video Line Buffer Read Reset Select ...... default = 0
6-4
Window 2 Video Data Format
000 YUV 422 ............................................... default
001 -reserved-
010 RGB 16
011 -reserved-
1xx -reserved-
3
Interpolation Bypass 1 ............................ default = 0
2-0
Window 1 Video Data Format
000 YUV 422 ............................................... default
001 -reserved-
010 RGB 16
011 -reserved-
1xx -reserved-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com