Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 136Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 137Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 138Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 139Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 140Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 141Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 142Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 143Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 144Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-136-
Functional Descriptions
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Controller Power Management
The ProMedia Graphics Controller power mangement feature
set complies with AGP and PCI power management
requirements.
Power Management States
Power management states (D0-D3) for both ACPI and PCI
Bus Power Management (PCI PM) refer to the same states
described in the Device Class PM Reference Specification for
Display Devices, which are equivalent to the VESA™ DPMS
power states. System software should access the ProMedia’s
configuration registers to perform PCI PM state transitions.
Table 12. PCI Power Management States
PCI PM
State
Desktop
Graphics
Notebook
Graphics
State 0
(D0)
DPMS State 0
Fully On
Proprietary State 0
Fully On
State 1
(D1)
DPMS State 1
Standby
(Hsync Off)
Proprietary State 1
Standby
(VCLK Off)
State 2
(D2)
DPMS State 2
Suspend
(Vsync Off)
Proprietary State 2
Suspend
(MCLK/VCLK Both Off)
State 3
(D3)
DPMS State 3
Off
(H/Vsync Both Off)
Same as State 2
Power Management Clock Control
If the system “South Bridge” sends a request to the ProMedia
to power down the memory controller, the ProMedia first uses
CLKRUN# (the same signal appearing external to the
ProMedia) to check to see if the internal graphics controller
needs to access main memory. The graphics controller logic
will detect CLKRUN# high for 2 or 3 PCICLK’s and check if
there are any:
Internal buffers not emptied
PCI Master or AGP Master actions pending
If either condition exists, the graphics controller logic will
assert CLKRUN# low for 2 PCICLK’s to signal the clock
generator to keep PCICLK running.
PME# is not implemented since there are no wake-up
conditions.
Power Management Registers
Power management control for the ProMedia Graphics
Controller is provided by extended registers SR24 (Power
Management Control), GR20 (Standby Timer Control), GR21
(Power Management Control 1), GR22 (Power Management
Control 2), GR23 (Power Status), GR24 (Soft Power Control),
GR25 (Power Control Select), GR26 (DPMS Control), GR27-
28 (GPIO Control), GR2A (Suspend Pin Timer), GR2C
(Miscellaneous Pin Control), GR2F (Miscellaneous Internal
Control), and Graphics Controller PCI Configuration Indices
90-97 (PCI Power Management Registers 1 and 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com