Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 136Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 137Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 138Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 139Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 140Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 141Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 142Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 143Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 144Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 143 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-137-
Electrical Specifications
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Table 13. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
TA
Ambient operating temperature
0
70
oC1
TS
Storage temperature
-55
125
oC1
VIN
Input voltage
-0.5
VRAIL + 10%
Volts
1, 2
VOUT
Output voltage
-0.5
VRAIL + 10%
Volts
1, 2
Note 1: Stress above the conditions listed may cause permanent damage to the device. Functional operation of
this device should be restricted to the conditions described under operating conditions.
Note 2. VRAIL is defined as the VCC level of the respective rail. The CPU interface can be 3.3V or 2.5V.
Memory can be 3.3V only. PCI can be 3.3V or 5.0V. Video can be 3.3V or 5.0V. Flat Panel can be 3.3V only.
DC Characteristics
TA = 0-70oC, VRAIL = VCC +/- 5%, VCORE = 2.5V +/- 5%, GND=0V
Table 14. DC Characteristics
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input Low Voltage
-0.50
0.8
V
VIH
Input High Voltage
2.0
VCC+0.5
V
VOL
Output Low Voltage
-
0.55
V
IOL=4.0mA
VOH
Output High Voltage
2.4
-
V
IOH=-1.0mA
IIL
Input Leakage Current
-
+/-10
uA
0<VIN<VCC
IOZ
Tristate Leakage Current
-
+/-20
uA
0.55<VOUT<VCC
ICC
Power Supply Current
-
mA
AC Timing Specifications
AC timing specifications provided are based on external zero-pf capacitance load. Min/max cases are based on the following table:
Table 15. AC Timing Min / Max Conditions
Parameter
Min
Max
Unit
5.0V Power
4.75
5.25
Volts
3.3V Power
3.135
3.465
Volts
2.5V Power
2.375
2.625
Volts
Temperature
0
70
oC
Drive strength for selected output pins is programmable. See Rx6D for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com