Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25720 Datasheet HTML 1Page - Texas Instruments BQ25720 Datasheet HTML 2Page - Texas Instruments BQ25720 Datasheet HTML 3Page - Texas Instruments BQ25720 Datasheet HTML 4Page - Texas Instruments BQ25720 Datasheet HTML 5Page - Texas Instruments BQ25720 Datasheet HTML 6Page - Texas Instruments BQ25720 Datasheet HTML 7Page - Texas Instruments BQ25720 Datasheet HTML 8Page - Texas Instruments BQ25720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
6 Device Comparison Table
BQ25710
BQ25713
BQ25720
BQ25723
BQ25730
BQ25731
Interface
SMBus
I2C
SMBus
I2C
I2C
I2C
Device Address
09h
6Bh
09h
6Bh
6Bh
6Bh
Maximum Charge Current
8.128 A
8.128 A
16.256 A
16.256 A
16.256 A
16.256 A
Switching Frequency (Hz)
800 k/1.2 M
800 k/1.2 M
800 k/1.2 M
800 k/1.2 M
400 k/800 k
400 k/800 k
Cell Count
1s to 4s
1s to 4s
1s to 4s
1s to 4s
1s to 5s
1s to 5s
Input Current Sense Resistor
10 mΩ/20 mΩ
10 mΩ/20 mΩ
5 mΩ/10 mΩ
5 mΩ/10 mΩ
5 mΩ/10 mΩ
5 mΩ/10 mΩ
Independent Comparator Latch
Non Latch
Non Latch
Latch/Non latch
(default)
Latch/Non latch
(default)
Latch/Non latch
(default)
Latch/Non latch
(default)
VSYS_UVP
2.4 V
2.4 V
2.4 V ~ 8.0 V
(0.8-V step
size) Default:
2.4 V
2.4 V ~ 8.0 V
(0.8-V step
size) Default:
2.4 V
2.4 V ~ 8.0 V
(0.8-V step
size) Default:
2.4 V
1.6 V
OTG Voltage Range
3.0 V to 20.8 V
3.0 V to 20.8 V
3.0 V to 24 V
3.0 V to 24 V
3.0 V to 24 V
3.0 V to 24 V
Frequency Dithering
No
No
Yes
Yes
Yes
Yes
BATFET Power Path
Yes
Yes
Yes
Yes
Yes
No
Pre-charge LDO Mode
Yes
Yes
Yes
Yes
Yes
No
BQ25720
SLUSDU3 – MAY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com