Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 69 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 65Page - Texas Instruments BQ25720 Datasheet HTML 66Page - Texas Instruments BQ25720 Datasheet HTML 67Page - Texas Instruments BQ25720 Datasheet HTML 68Page - Texas Instruments BQ25720 Datasheet HTML 69Page - Texas Instruments BQ25720 Datasheet HTML 70Page - Texas Instruments BQ25720 Datasheet HTML 71Page - Texas Instruments BQ25720 Datasheet HTML 72Page - Texas Instruments BQ25720 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
Table 9-35. ProchotOption1 Register (SMBus address = 34h) Field Descriptions (continued)
SMBus
BIT
FIELD
TYPE
RESET
DESCRIPTION
4
PP_INOM
R/W
0b
INOM PROCHOT Profile
0b: disable <default at POR>
1b: enable
3
PP_IDCHG1
R/W
0b
IDCHG1 PROCHOT Profile
0b: disable <default at POR>
1b: enable
2
PP_VSYS
R/W
0b
VSYS PROCHOT Profile
0b: disable <default at POR>
1b: enable
1
PP_BATPRES
R/W
0b
Battery removal PROCHOT Profile
0b: disable <default at POR>
1b: enable (one-shot falling edge triggered)
If BATPRES is enabled in PROCHOT after the battery is removed, it will
immediately send out one-shot PROCHOT pulse.
0
PP_ACOK
R/W
0b
Adapter removal PROCHOT Profile
0b: disable <default at POR>
1b: enable
ChargeOption0[15] = 0 to assert PROCHOT pulse after adapter removal.
If PP_ACOK is enabled in PROCHOT after the adapter is removed, it will be
pulled low.
www.ti.com
BQ25720
SLUSDU3 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com