Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 20Page - Texas Instruments BQ25720 Datasheet HTML 21Page - Texas Instruments BQ25720 Datasheet HTML 22Page - Texas Instruments BQ25720 Datasheet HTML 23Page - Texas Instruments BQ25720 Datasheet HTML 24Page - Texas Instruments BQ25720 Datasheet HTML 25Page - Texas Instruments BQ25720 Datasheet HTML 26Page - Texas Instruments BQ25720 Datasheet HTML 27Page - Texas Instruments BQ25720 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 106 page
background image
9 Detailed Description
9.1 Overview
The BQ25720 is a narrow VDC buck-boost charger controller for portable electronics such as notebook,
detachable, ultrabook, tablet, and other mobile devices with rechargeable batteries. It provides seamless
transition between different converter operation modes (buck, boost, or buck-boost), fast transient response,
and high light load efficiency.
The BQ25720 supports a wide range of power sources, including USB-C PD ports, legacy USB ports, traditional
AC-DC adapters, and so forth. It takes input voltage from 3.5 V to 26 V and charges a battery of 1 to in series. In
the absence of an input source, the BQ25720 supports the USB On-the-Go (OTG) function from a cell battery to
generate an adjustable 3 V to 24 V at the USB port with 8-mV resolution.
When only the battery powers the system and no external load is connected to the USB OTG port, the BQ25720
provides the Vmin Active Protection (VAP) feature. In VAP operation, the BQ25720 first charges up the voltage
of the input decoupling capacitors at VBUS to store a certain amount of energy. During the system peak power
spike, the huge current drawn from the battery introduces a larger voltage drop across the impedance from
the battery to the system. The energy stored in the input capacitors will supplement the system, to prevent the
system voltage from dropping below the minimum system voltage and leading the system to a black screen. This
VAP is designed to absorb system power peaks during the periods of high demand to improve system turbo
performance, which is highly recommended by Intel for the platforms with a 1S~2S battery.
The BQ25720 features Dynamic Power Management (DPM) to limit input power and avoid AC adapter
overloading. During battery charging, as system power increases, charging current is reduced to maintain total
input current below adapter rating. If system power demand temporarily exceeds adapter rating, the BQ25720
supports the NVDC architecture to allow battery discharge energy to supplement system power.
The BQ25720 monitors adapter current, battery current, and system power. The flexibility of the programmable
PROCHOT output goes directly to the CPU for throttling back when needed.
The latest version of the USB-C PD specification includes Fast Role Swap (FRS) to ensure power role swapping
occurs in a timely fashion so that the device(s) connected to the dock never experience momentary power loss
or glitching. The device integrates FRS with compliance to the USB-C PD specification.
The TI patented switching frequency dithering pattern can significantly reduce EMI noise over the entire
conductive EMI frequency range (150 kHz to 30 MHz). Multiple dithering scale options are available to provide
flexibility for different applications to simplify EMI noise filter design.
In order to be compliant with Intel IMVP8 / IMVP9, the BQ25720 includes a PSYS function to monitor the total
platform power from the adapter and battery. Besides PSYS, it provides both an independent input current buffer
(IADPT) and a battery current buffer (IBAT) with highly accurate current sense amplifiers. If the platform power
exceeds the available power from the adapter and battery, a PROCHOT signal is asserted to the CPU so that
the CPU optimizes its performance to the power available to the system.
The SMBus host controls input current, charge current, and charge voltage registers with high resolution, high
accuracy regulation limits. It also sets the PROCHOT timing and threshold profile to meet system requirements.
BQ25720
SLUSDU3 – MAY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com