Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 7Page - Texas Instruments BQ25720 Datasheet HTML 8Page - Texas Instruments BQ25720 Datasheet HTML 9Page - Texas Instruments BQ25720 Datasheet HTML 10Page - Texas Instruments BQ25720 Datasheet HTML 11Page - Texas Instruments BQ25720 Datasheet HTML 12Page - Texas Instruments BQ25720 Datasheet HTML 13Page - Texas Instruments BQ25720 Datasheet HTML 14Page - Texas Instruments BQ25720 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
8.5 Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV_FALL, TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IPRECHRG_REG_ACC
Pre-charge current
regulation accuracy
with 10-mΩ SRP/SRN
series resistor, VBAT
below
VSYS_MIN(REG0x3
E()) setting (0°C to
85°C)
REG0x14() = 0x0180H
384
mA
≥2S
–15.0%
15.0%
1S
–25.0%
25.0%
REG0x14() = 0x0100H
256
mA
≥2S
–20.0%
20.0%
1S
–35.0%
35.0%
REG0x14() = 0x00C0H
192
mA
≥2S
–25.0%
25.0%
1S
–50.0%
50.0%
REG0x14() = 0x0080H
128
mA
≥2S
–30.0%
30.0%
ILEAK_SRP_SRN
SRP, SRN leakage
current mismatch
(0°C to 85°C)
–13.5
10.0
µA
INPUT CURRENT REGULATION
VIREG_DPM_RNG
Input current
regulation differential
voltage range with
10-mΩ ACP/ACN
series resistor
VIREG_DPM = VACP – VACN
0.5
64
mV
IIIN_DPM_REG_ACC
Input current
regulation accuracy
(-40°C to 105°C)
with 10-mΩ ACP/ACN
series resistor
REG0x3F() = 0x4E00H
3800
3900
4000
mA
REG0x3F() = 0x3A00H
2800
2900
3000
mA
REG0x3F() = 0x1C00H
1300
1400
1500
mA
REG0x3F() = 0x0800H
300
400
500
mA
ILEAK_ACP_ACN
ACP, ACN leakage
current mismatch
–21
10
µA
VIREG_DPM_RNG_ILIM
Voltage range
for input current
regulation (ILIM_HIZ
Pin)
1.15
4
V
IIIN_DPM_REG_ACC_ILIM
Input Current
Regulation Accuracy
on ILIM_HIZ pin
VILIM_HIZ = 1 V + 40
× IDPM × RAC, with 10-
mΩ ACP/ACN series
resistor
VILIM_HIZ = 2.6 V
3800
4000
4200
mA
VILIM_HIZ = 2.2 V
2800
3000
3200
mA
VILIM_HIZ = 1.6 V
1300
1500
1700
mA
VILIM_HIZ = 1.2 V
300
500
700
mA
ILEAK_ILIM
ILIM_HIZ pin leakage
current
–1
1
µA
INPUT VOLTAGE REGULATION
VDPM_RNG
Input voltage
regulation range
Voltage on VBUS
3.2
19.52
V
VDPM_REG_ACC
Input voltage
regulation accuracy
REG0x3D()=0x3C80H
18688
mV
–3%
2%
REG0x3D()=0x1E00H
10880
mV
–4%
2.5%
REG0x3D()=0x0500H
4480
mV
–5.2%
5.0%
OTG CURRENT REGULATION
www.ti.com
BQ25720
SLUSDU3 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com