Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 84 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 80Page - Texas Instruments BQ25720 Datasheet HTML 81Page - Texas Instruments BQ25720 Datasheet HTML 82Page - Texas Instruments BQ25720 Datasheet HTML 83Page - Texas Instruments BQ25720 Datasheet HTML 84Page - Texas Instruments BQ25720 Datasheet HTML 85Page - Texas Instruments BQ25720 Datasheet HTML 86Page - Texas Instruments BQ25720 Datasheet HTML 87Page - Texas Instruments BQ25720 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The BQ2572xEVM evaluation module (EVM) is a complete charger module for evaluating the BQ25720. The
application curves were taken using the BQ2572xEVM.
At the VBUS input with a 2.2-μH or smaller inductor, a minimum 4 μF effective (4 × 10-μF MLCC) is suggested
for a 45-W to 65-W adapter, and two more 10-μF MLCC capacitors are needed when power reaches 90 W.
Note when VAP feature is employed, 1 × 33-μF POSCAP is recommended to be added to improve VAP feature
performance and finally system CPU performance.
At the charger VSYS output terminal, a minimum 7 μF effective (7 × 10-μF 0805 package MLCC) is suggested
for a 45-W to 65-W adapter, and two more 10-μF MLCC capacitors are needed when power reaches 90
W. Overall 50-μF effective distributed capacitance on VSYS net is necessary (POSCAP is preferred), these
capacitors do not have to be placed at the charger VSYS output terminal, all capacitors connected to VSYS net
can be counted including the input capacitor of the next stage converters.
10.2 Typical Application
BQ25720
ACN
VBUS
HIDRV1
SRN
IADPT
IBAT
PSYS
VBUS
HIDRV2
SRP
BATDRV
VDDA
COMP1
COMP2
3.3V or 1.8V
CELL_BATPRES
PROCHOT
ACP
SYS
Host
(SMBus)
Q1
Q2
Q3
Q4
REGN
PGND
ILIM_HIZ
RAC=5m
10m
2.2–3.3uF
1uF
REGN
10
50
10k
10k
10k
100pF
100pF
30k
VDDA
250k
350k
10
10
220k
380k
To CPU
47nF
47nF
1.0uF
0.1uF
6x10uF
1uF
10k
RSR=5m
10m
1nF
33nF
33nF
1.05V
137k
7x10uF
16.9k
33pF
3.3nF
10k
1200pF
15pF
2.2uH
1x33uF
(Optional)
VSYS
2x10uF
10nF
470nF
1
BATT
(1-4S)
Figure 10-1. Application Diagram of BQ25720
BQ25720
SLUSDU3 – MAY 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com