Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 38Page - Texas Instruments BQ25720 Datasheet HTML 39Page - Texas Instruments BQ25720 Datasheet HTML 40Page - Texas Instruments BQ25720 Datasheet HTML 41Page - Texas Instruments BQ25720 Datasheet HTML 42Page - Texas Instruments BQ25720 Datasheet HTML 43Page - Texas Instruments BQ25720 Datasheet HTML 44Page - Texas Instruments BQ25720 Datasheet HTML 45Page - Texas Instruments BQ25720 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
9.6.1 ChargeOption0 Register (SMBus address = 12h) [reset = E70Eh]
Figure 9-6. ChargeOption0 Register (SMBus address = 12h) [reset = E70Eh]
15
14
13
12
11
10
9
8
EN_LWPWR
WDTMR_ADJ
IIN_DPM_AUT
O_DISABLE
OTG_ON_CH
RGOK
EN_OOA
PWM_FREQ
DIS_STRGRV
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
EN_CMP_LAT
CH
VSYS_UVP_E
NZ
EN_LEARN
IADPT_GAIN
IBAT_GAIN
EN_LDO
EN_IIN_DPM
CHRG_INHIBIT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-10. ChargeOption0 Register (SMBus address = 12h) Field Descriptions
SMBus
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
EN_LWPWR
R/W
1b
Low Power Mode Enable, under low power mode lowest quiescent current is
achieved when only battery exist. It is not recommended to enable low power
mode when adapter present.
0b: Disable Low Power Mode. Device in performance mode with battery only.
The PROCHOT, current/power monitor buffer and comparator follow register
setting.
1b: Enable Low Power Mode. Device in low power mode with battery only
for lowest quiescent current. The REGN is off. The PROCHOT, discharge
current monitor buffer, power monitor buffer and independent comparator are
disabled. ADC is not available in Low Power Mode. Independent comparator
and its low power mode PROCHOT profile can be enabled by setting
EN_PROCHOT_LPWR bit to 1b. <default at POR>
14-13
WDTMR_ADJ
R/W
11b
WATCHDOG Timer Adjust
Set maximum delay between consecutive SMBus write of charge voltage or
charge current command.
If device does not receive a write on the REG0x15() or the REG0x14()
within the watchdog time period, the charger will be suspended by setting
the REG0x14() to 0 mA .
After expiration, the timer will resume upon the write of REG0x14(),
REG0x15() or REG0x12[14:13].
00b: Disable Watchdog Timer
01b: Enabled, 5 sec
10b: Enabled, 88 sec
11b: Enable Watchdog Timer, 175 sec <default at POR>
12
IIN_DPM_AUTO_DISAB
LE
R/W
0b
IIN_DPM Auto Disable
When CELL_BATPRESZ pin is LOW, the charger automatically disables the
IIN_DPM function by setting EN_IIN_DPM (REG0x12[1]) to 0. The host can
enable IIN_DPM function later by writing EN_IIN_DPM bit (REG0x12[1]) to 1.
0b: Disable this function. IIN_DPM is not disabled when CELL_BATPRESZ
goes LOW. <default at POR>
1b: Enable this function. IIN_DPM is disabled when CELL_BATPRESZ goes
LOW.
11
OTG_ON_CHRGOK
R/W
0b
Add OTG to CHRG_OK
Drive CHRG_OK to HIGH when the device is in OTG mode.
0b: Disable <default at POR>
1b: Enable
BQ25720
SLUSDU3 – MAY 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com