Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 17Page - Texas Instruments BQ25720 Datasheet HTML 18Page - Texas Instruments BQ25720 Datasheet HTML 19Page - Texas Instruments BQ25720 Datasheet HTML 20Page - Texas Instruments BQ25720 Datasheet HTML 21Page - Texas Instruments BQ25720 Datasheet HTML 22Page - Texas Instruments BQ25720 Datasheet HTML 23Page - Texas Instruments BQ25720 Datasheet HTML 24Page - Texas Instruments BQ25720 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
8.7 Typical Characteristics
RAC = 5 mΩ, RSR = 5 mΩ, Inductance = 2.2 μH, CCM Frequency = 800 kHz
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VIN = 5 V
CCM 800 kHz
VOUT = System voltage
Figure 8-1. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VIN = 9 V
CCM 800 kHz
VOUT = System voltage
Figure 8-2. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VIN = 15 V
CCM 800 kHz
VOUT = System voltage
Figure 8-3. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VIN = 20 V
CCM 800 kHz
VOUT = System voltage
Figure 8-4. System Efficiency
Output Current(A)
0
0.01
0.02
0.03
0.04
0.05
50
55
60
65
70
75
80
85
90
VOUT=4.2V
VOUT=8.4V
VOUT=12.6V
VOUT=16.8V
VIN = 5 V EN_OOA = 0b
VOUT = System voltage
Figure 8-5. Light Load System Efficiency
Output Current(A)
0
0.01
0.02
0.03
0.04
0.05
50
55
60
65
70
75
80
85
90
VOUT=4.2V
VOUT=8.4V
VOUT=12.6V
VOUT=16.8V
VIN = 12 V EN_OOA = 0b
VOUT = System voltage
Figure 8-6. Light Load System Efficiency
www.ti.com
BQ25720
SLUSDU3 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com