Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 3Page - Texas Instruments BQ25720 Datasheet HTML 4Page - Texas Instruments BQ25720 Datasheet HTML 5Page - Texas Instruments BQ25720 Datasheet HTML 6Page - Texas Instruments BQ25720 Datasheet HTML 7Page - Texas Instruments BQ25720 Datasheet HTML 8Page - Texas Instruments BQ25720 Datasheet HTML 9Page - Texas Instruments BQ25720 Datasheet HTML 10Page - Texas Instruments BQ25720 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Table 7-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
PSYS
10
O
Current mode system power monitor. The output current is proportional to the total power
from the adapter and the battery. The gain is selectable through SMBus. Place a resistor
from PSYS to ground to generate output voltage. This pin can be floating if not in use. Its
output voltage is clamped at 3.3 V. Place a capacitor in parallel with the resistor for filtering.
REGN
28
PWR
6-V linear regulator output supplied from VBUS or VSYS. The LDO is active when VBUS
above VVBUS_CONVEN. Connect a 2.2- or 3.3-μF ceramic capacitor from REGN to power
ground. REGN pin output is for power stage gate drive.
SCL
13
I
SMBus clock input. Connect to clock line from the host controller or smart battery. Connect a
10-kΩ pullup resistor according to specifications.
SDA
12
I/O
SMBus open-drain data I/O. Connect to data line from the host controller or smart battery.
Connect a 10-kΩ pullup resistor according to SMBus specifications.
SRN
19
PWR
Charge current sense amplifier negative input. SRN pin is for battery voltage sensing as
well. Connect a 0.1-μF filter cap cross battery charging sensing resistor and use 10-Ω
contact resistor between SRN pin and battery charging sensing resistor. The leakage current
on SRP and SRN are matched.
SRP
20
PWR
Charge current sense amplifier positive input. Connect a 0.1-μF filter cap cross battery
charging sensing resistor and use 10-Ω contact resistor between SRP pin and battery
charging sensing resistor. The leakage current on SRP and SRN are matched.
SW1
32
PWR
Buck mode switching node. Connect to the source of the buck half bridge high side n-
channel MOSFET.
SW2
23
PWR
Boost mode switching node. Connect to the source of the boost half bridge high side
n-channel MOSFET.
VBUS
1
PWR
Charger input voltage. An input low pass filter of 1 Ω and 0.47 µF (minimum) is
recommended.
VDDA
7
PWR
Internal reference bias pin. Connect a 10-Ω resistor from REGN to VDDA and a 1-μF
ceramic capacitor from VDDA to power ground.
VSYS
22
PWR
Charger system voltage sensing. The system voltage regulation maximum limit is
programmed in ChargeVoltage register plus 150 mV and regulation minimum limit is
programmed in VSYS_MIN register.
Thermal pad
–
–
Exposed pad beneath the IC. Always solder thermal pad to the board, and have vias on
the thermal pad plane connecting to power ground planes. It serves as a thermal pad to
dissipate the heat.
www.ti.com
BQ25720
SLUSDU3 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com