Electronic Components Datasheet Search
  English  ▼

X  

BQ25720 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25720
Description  BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25720 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ25720 Datasheet HTML 9Page - Texas Instruments BQ25720 Datasheet HTML 10Page - Texas Instruments BQ25720 Datasheet HTML 11Page - Texas Instruments BQ25720 Datasheet HTML 12Page - Texas Instruments BQ25720 Datasheet HTML 13Page - Texas Instruments BQ25720 Datasheet HTML 14Page - Texas Instruments BQ25720 Datasheet HTML 15Page - Texas Instruments BQ25720 Datasheet HTML 16Page - Texas Instruments BQ25720 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
8.5 Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV_FALL, TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IAC_SW_LIGHT_buckboost
Input current during
PFM in buck boost
mode, no load, IVBUS
+ IACP + IACN + IVSYS
+ ISRP + ISRN + ISW1 +
IBTST1 + ISW2 + IBTST2
VIN = 12 V, VBAT = 12 V, REG0x12[10] = 0;
MOSFET Qg = 4 nC
2.4
mA
IOTG_STANDBY
Quiescent current
during PFM in OTG
mode IVBUS + IACP +
IACN + IVSYS + ISRP +
ISRN + ISW1 + IBTST2 +
ISW2 + IBTST2
VBAT = 8.4 V, VBUS = 5 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
3
mA
VBAT = 8.4 V, VBUS = 12 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
4.2
mA
VBAT = 8.4 V, VBUS = 20 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
6.2
mA
CURRENT SENSE AMPLIFIER
VACP_ACN_OP
Input common mode
range
Voltage on ACP/ACN
3.8
26
V
VIADPT_CLAMP
IADPT output clamp
voltage
3.1
3.2
3.3
V
IIADPT
IADPT output current
1
mA
AIADPT
Input current sensing
gain
V(IADPT) / V(ACP-ACN), REG0x12[4] = 0
20
V/V
V(IADPT) / V(ACP-ACN), REG0x12[4] = 1
40
V/V
VIADPT_ACC
Input current monitor
accuracy
V(ACP-ACN) = 40.96 mV
–2%
2%
V(ACP-ACN) = 20.48 mV
–3%
3%
V(ACP-ACN) =10.24 mV
–6%
6%
V(ACP-ACN) = 5.12 mV
–10%
10%
CIADPT_MAX
Maximum
capacitance at IADPT
Pin
100
pF
VSRP_SRN_OP
Battery common
mode range
Voltage on SRP/SRN
2.5
19.2
V
VIBAT_CLAMP
IBAT output clamp
voltage
3.05
3.2
3.3
V
IIBAT
IBAT output current
1
mA
AIBAT
Charge and
discharge current
sensing gain on IBAT
pin
V(IBAT) / V(SRN-SRP), REG0x12[3] = 0,
8
V/V
V(IBAT) / V(SRN-SRP), REG0x12[3] = 1,
16
V/V
IIBAT_CHG_ACC
Charge and
discharge current
monitor accuracy on
IBAT pin
V(SRN-SRP) = 40.96 mV
–2%
2%
V(SRN-SRP) = 20.48 mV
–4%
4%
V(SRN-SRP) =10.24 mV
–7%
7%
V(SRN-SRP) = 5.12 mV
–15%
15%
CIBAT_MAX
Maximum
capacitance at IBAT
Pin
100
pF
SYSTEM POWER SENSE AMPLIFIER
VPSYS
PSYS output voltage
range
0
3.3
V
IPSYS
PSYS output current
0
160
µA
APSYS
PSYS system gain
I(PSYS) / (P(IN) +P(BAT)), REG0x30[13:12] =
00b;REG0x30[9] = 1b
1
µA/W
APSYS
PSYS system gain
I(PSYS) / P(IN), REG0x30[13:12]= 01b;REG0x30[9] =
1b
1
µA/W
www.ti.com
BQ25720
SLUSDU3 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BQ25720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com