Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 105 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 105 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 101Page - Maxim Integrated Products MAX17843 Datasheet HTML 102Page - Maxim Integrated Products MAX17843 Datasheet HTML 103Page - Maxim Integrated Products MAX17843 Datasheet HTML 104Page - Maxim Integrated Products MAX17843 Datasheet HTML 105Page - Maxim Integrated Products MAX17843 Datasheet HTML 106Page - Maxim Integrated Products MAX17843 Datasheet HTML 107Page - Maxim Integrated Products MAX17843 Datasheet HTML 108Page - Maxim Integrated Products MAX17843 Datasheet HTML 109Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
Fh
MAXCELL[3:0]
Cell number of the maximum cell voltage currently in the measurement registers. If
multiple cells have the same maximum value, this field contains the highest cell number
with that measurement. Read-only.
D10
D9
D8
D7
0
Reserved
Always reads logic-zero.
D6
D5
D4
D3
Fh
MINCELL[3:0]
Cell number of the minimum cell voltage currently in the measurement registers. If multiple
cells have the same minimum value, this field contains the highest cell number with that
measurement. Read-only.
D2
D1
D0
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
0
ALRTHVHDRM
Indicates that VHV - VC12 was too low during the acquisition for an accurate
measurement. Cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D1
0
Reserved
Always reads logic-zero.
D0
0
ALRTHVOV
Indicates that VHV > VHVOV. This bit is not set until the ALRTRST bit is cleared and
cleared only by writing to logic-zero. Writing to a logic-one has no effect.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 105
MINMAXCELL Register (address 0x0A)
FMEA2 Register (address 0x0B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com