Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 27Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
FTS64K Block User Guide — Version V01.00
24
NV6 — Non Volatile Flag Bit.
This bit is available as non-volatile flag.
3.3.6 FSTAT — Flash Status Register
The FSTAT register defines the Flash state machine command status and Flash array access, protection
and blank verify status.
Figure 3-7 Flash Status Register (FSTAT)
Register bits CBEIF, PVIOL and ACCERR are readable and writable, bits CCIF and BLANK are readable
and not writable, bits 3, 1 and 0 read zero and are not writable.
CBEIF — Command Buffer Empty Interrupt Flag.
The CBEIF flag indicates that the address, data and command buffers are empty so that a new
command sequence can be started. The CBEIF flag is cleared by writing a “1” to CBEIF. Writing a
“0” to the CBEIF flag has no effect on CBEIF but sets ACCERR, which can be used to abort a
command sequence. This bit, CBEIF, is used together with the enable bit CBEIE, to generate the
interrupt request (see also Figure 6-1).
1 = Buffers are ready to accept a new command.
0 = Buffers are full.
CCIF — Command Complete Interrupt Flag.
Table 3-6 Flash Lower Address Range Protection
FPLS
Protected
Address
Range
Protected Size
00
see Table 3-2
512 Bytes
01
1K
10
2K
11
4K
Register address BASE + $105
765
4
3210
R
CBEIF
CCIF
PVIOL
ACCERR
0
BLANK
00
W
Reset:
110
0
0000
= Unimplemented or Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com