Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 28Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 29Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 30Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 35Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
FTS64K Block User Guide — Version V01.00
32
4.1.2 Program and Erase Sequences in User Mode
A Command State Machine is used to supervise the write sequencing for program and erase. The
erase-verify command follows the same flow. Before starting a command sequence, it is necessary to
verify that there is no pending access error or protection violation (the ACCERR and PVIOL flags should
be cleared in the FSTAT register) It is then required to set the PPAGE register. The procedure is as follows:
1.
Verify that all ACCERR and PVIOL flags in the FSTAT register are cleared.
2.
Write to the core PPAGE register ($x030) to select one of the pages to be programmed if
programming in the $8000-$BFFF address range. There is no need to set PPAGE when
programming in the $4000-$7FFF or $C000-$FFFF address ranges.
After this possible initialization step the CBEIF flag should be tested to ensure that the address, data and
command buffers are empty. If so, the program/erase command write sequence can be started. The
following 3-step command write sequence must be strictly adhered to and no intermediate writes to the
Flash module are permitted between the 3 steps. It is possible to read any Flash register during a command
sequence. The command sequence is as follows:
1.
Write the aligned data word to be programmed to the valid Flash address space. The address and
data will be stored in internal buffers. For program, all address bits are valid. For erase, the value
of the data bytes is don’t care. For mass erase, the address can be anywhere in the available address
space of the block to be erased. For sector erase the address bits[8:0] are ignored.
2.
Write the program or erase command to the command buffer. These commands are listed in Table
4-1.
3.
Clear the CBEIF flag by writing a “1” to it to launch the command. When the CBEIF flag is cleared,
the CCIF flag is cleared by hardware indicating that the command was successfully launched. The
CBEIF flag will be set again indicating the address, data and command buffers are ready for a new
command sequence to begin.
The completion of the command is indicated by the CCIF flag setting. The CCIF flag only sets when all
active and pending commands have been completed.
NOTE
The Command State Machine will flag errors in program or erase write sequences by means of the
ACCERR (access error) and PVIOL (protection violation) flags in the FSTAT register. An erroneous
command write sequence will abort and set the appropriate flag. If set, the user must clear the ACCERR
or PVIOL flags before commencing another command write sequence. By writing a 0 to the CBEIF flag
the command sequence can be aborted after the word write to the Flash address space or after writing a
command to the FCMD register and before the command is launched. Writing a “0” to the CBEIF flag in
this way will set the ACCERR flag.
A summary of the program algorithm is shown in Figure 4-2. For the erase algorithm, the user writes
either a mass or sector erase command to the FCMD register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com