Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 15Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 16Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 17Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 18Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
FTS64K Block User Guide — Version V01.00
19
The Flash module has hardware interlocks which protect data from accidental corruption. One protected
sector is located at the higher address end, just below $FFFF. Another protected sector is located at the
lower address end, just after the beginning of the Flash code implementation at address $4000. Both the
high and low address protected sectors in the Flash can be sized from 512 bytes to 4K bytes. The middle
Flash page can also exhibit protectable areas as indicated in the memory map summary Table 3-2.
The NVM module also contains a set of 16 control and status registers located in address space BASE +
$100 to BASE + $10F. A summary of these registers is given in Table 3-3.
NOTE:
Register Address = Base Address + Address Offset, where the Base Address is
defined at the MCU level and the Address Offset is defined at the module level.
3.3 Register Descriptions
3.3.1 FCLKDIV — Flash Clock Divider Register
The FCLKDIV register is used to control timed events in program and erase algorithms.
Table 3-3 FTS64K Memory Map
Address
Offset
Use
Access
$_00
Flash Clock Divider Register (FCLKDIV)
R/W
$_03
Flash Security Register (FSEC)
R
$_02
RESERVED11
NOTES:
1. RESERVED2 intended for factory test purposes only.
R
$_03
Flash Configuration Register (FCNFG)
R/W
$_04
Flash Protection Register (FPROT)
R/W
$_05
Flash Status Register (FSTAT)
R/W
$_06
Flash Command Register (FCMD)
R/W
$_07
RESERVED22
2. RESERVED3 intended for factory test purposes only.
R
$_08
RESERVED33
3. RESERVED4 intended for factory test purposes only.
R
$_09
RESERVED44
4. RESERVED5 intended for factory test purposes only.
R
$_0A
RESERVED55
5. RESERVED6 intended for factory test purposes only.
R
$_0B
RESERVED66
6. RESERVED7 intended for factory test purposes only.
R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com