Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 27Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 28Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
FTS64K Block User Guide — Version V01.00
25
The CCIF flag indicates that there are no more commands pending. The CCIF flag is cleared when
CBEIF is clear and sets automatically upon completion of all active and pending commands. The CCIF
flag does not set when an active commands completes and a pending command is fetched from the
command buffer. Writing to the CCIF flag has no effect. This bit, CCIF, is used together with the
enable bit CCIE, to generate the interrupt request (see also Figure 6-1).
1 = All commands are completed.
0 = Command in progress.
PVIOL — Protection Violation.
The PVIOL flag indicates an attempt was made to program or erase an address in a protected Flash
memory area. The PVIOL flag is cleared by writing a “1” to PVIOL. Writing a “0” to the PVIOL flag
has no effect on PVIOL. While PVIOL is set it is not possible to launch another command.
1 = A protection violation has occurred.
0 = No failure.
ACCERR — Flash Access Error.
The ACCERR flag indicates an illegal access to the selected Flash array. This can be either a violation
of the command sequence, issuing an illegal command (illegal combination of the CMDBx bits in the
FCMD register) or the execution of a CPU STOP instruction while a command is executing (CCIF=0).
The ACCERR flag is cleared by writing a “1” to ACCERR. Writing a “0” to the ACCERR flag has no
effect on ACCERR. While ACCERR is set it is not possible to launch another command.
1 = Access error has occurred.
0 = No failure.
BLANK — Array has been verified as erased.
The BLANK flag indicates that an Erase Verify command has checked the Flash block and found it to
be blank. The BLANK flag is cleared by hardware when CBEIF is cleared as part of a new valid
command sequence. Writing to the BLANK flag has no effect on BLANK.
1 = Flash block verifies as erased.
0 = If an Erase Verify command has been requested, and the CCIF flag is set, then a zero in BLANK
indicates the Flash is not erased.
3.3.7 FCMD — Flash Command Register
The FCMD register defines the Flash commands.
Figure 3-8 Flash Command Buffer and Register (FCMD)
Register address BASE + $106
76543210
R
0
CMDB6
CMDB5
00
CMDB2
0
CMDB0
W
Reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com