Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 11Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 12Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 13Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 14Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 15Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 16Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 17Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 18Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
FTS64K Block User Guide — Version V01.00
15
Section 3 Memory Map and Registers
3.1 Overview
This section describes the FTS64K memory maps and registers.
3.2 Modules Memory Map
Figure 3-1 shows the FTS64K memory map. The STAR12 architecture places the Flash memory address
between $4000 and $FFFF, which corresponds to three 16k byte pages.The content of the PPAGE register
is used to map the logical middle page ranging from address $8000 to $BFFF to any physical 16K bytes
page in the physical memory1. Shown within the blocks are a protection/options field and user defined
Flash protected sectors.
The FPOPEN bit in the FPROT register (see 3.3.5) can globally protect the entirety of the memory block.
However, two protected areas, one starting from the Flash page starting address (called lower) towards
higher addresses and the other one growing downward from the Flash page end address (called higher) can
be activated. The latter is mainly targeted to hold the boot loader code since it covers the vector space. All
the other areas may be used to keep critical parameters.
The pagination process using the PPAGE register is handled the Star12 CPU.
The Flash module register space covers the addresses BASE + $100 to BASE + $10F.
NOTES:
1. By placing $3F or $3E in the PPAGE register, the bottom respectively top “fixed” 16Kbytes pages can be seen twice in the
MCU memory map.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com