Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 35Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 37Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 38Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
FTS64K Block User Guide — Version V01.00
35
8. Writing an invalid user command to the FCMD register in user mode.
9. Writing to any Flash register other than FSTAT (to clear CBEIF) after writing to the command
register, FCMD.
10. The part enters STOP mode and a program or erase command is in progress. The command is
aborted and any pending command is killed.
11. When security is enabled, a command other than Mass-Erase originating from a non-secure
memory or from the Background Debug Mode is written to FCMD.
12.
A “0” is written to the CBEIF bit in the FSTAT register.
The ACCERR flag will not be set if any Flash register is read during the command sequence.
If the Flash array is read during execution of an algorithm (i.e. CCIF bit in the FSTAT register is low) the
read will return non valid data and the ACCERR flag will not be set
If an ACCERR flag is set in the FSTAT register the Command State Machine is locked. It is not possible
to launch another command until the ACCERR flag is cleared.
The PVIOL flag will be set during the command write sequence after the word write to the Flash address
space if any of the following illegal operations are performed, causing the command sequence to
immediately abort:
1.
Writing a Flash address to program in a protected area of the Flash.
2.
Writing a Flash address to erase in a protected area of the Flash.
3.
Writing the mass erase command to FCMD while any protection is enabled. See Protection register
description in 3.3.5.
If a PVIOL flag is set in the FSTAT register the Command State Machine is locked. It is not possible to
launch another command until the PVIOL flag is cleared.
4.2 Wait Mode
When the MCU enters WAIT mode and if any command is active (CCIF=0), that command and any
pending command will be completed.
The FTS64K module can recover the part from WAIT if the interrupts are enabled (see Section 6).
4.3 Stop Mode
If a command is active (CCIF = 0) when the MCU enters the STOP mode, the command will be aborted,
and the data being programmed or erased is lost. The high voltage circuitry to the flash will be switched
off when entering STOP mode. CCIF and ACCERR flags will be set. Upon exit from STOP the CBEIF
flag is set and any pending command will not be executed. The ACCERR flag must be cleared before
returning to normal operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com