Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 27Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 28Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 29Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 30Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
FTS64K Block User Guide — Version V01.00
29
Section 4 Functional Description
4.1 Program and Erase Operation
Write and read operations are both used for the program and erase algorithms described in this section.
These algorithms are controlled by a state machine whose timebase FCLK is derived from the oscillator
clock via a programmable divider. The command register as well as the associated address and data
registers operate as a buffer and a register (2-stage FIFO), so that a new command along with the necessary
data and address can be stored to the buffer while the previous command is still in progress. This pipelined
operation allows a time optimization when programming more than one word on a specific row, as the high
voltage generation can be kept ON in between two programming commands. The pipelined operation also
allows a simplification of command launching. Buffer empty as well as command completion are signalled
by flags in the Flash status register. Interrupts for the Flash will be generated if enabled.
The next four subsections describe:
•
How to write the FCLKDIV register.
•
The write sequences used to program, erase and erase-verify the Flash.
•
Valid Flash commands.
•
Errors resulting from illegal Flash operations.
4.1.1 Writing the FCLKDIV Register
Prior to issuing any program or erase command, it is first necessary to write the FCLKDIV register to
divide the oscillator down to within the 150kHz to 200kHz range. The program and erase timings are also
a function of the bus clock, such that the FCLKDIV determination must take this information into account.
If we define:
•
FCLK as the clock of the Flash timing control block
•
Tbus as the period of the bus clock
•
INT(x) as taking the integer part of x (e.g. INT(4.323)=4),
then FCLKDIV register bits PRDIV8 and FDIV[5:0] are to be set as described in Figure 4-1.
For example, if the oscillator clock frequency is 950kHz and the bus clock is 10MHz, FCLKDIV bits
FDIV[5:0] should be set to 4 (000100) and bit PRDIV8 set to 0. The resulting FCLK is then 190kHz. As
a result, the Flash algorithm timings are increased over optimum target by:
NOTE
Command execution time will increase proportionally with the period of FCLK.
200
190
–
() 200
⁄
100
×
5%
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com