Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 16Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 17Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 18Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
FTS64K Block User Guide — Version V01.00
20
Figure 3-2 Flash Clock Divider Register (FCLKDIV)
All bits in the FCLKDIV register are readable, bits 6-0 are write once and bit 7 is not writable.
FDIVLD — Clock Divider Loaded.
1 = Register has been written to since the last reset.
0 = Register has not been written.
PRDIV8 — Enable Prescaler by 8.
1 = Enables a prescaler by 8, to divide the Flash module input oscillator clock before feeding into
the CLKDIV divider.
0 = The input oscillator clock is directly fed into the FCLKDIV divider.
FDIV[5:0] — Clock Divider Bits.
The combination of PRDIV8 and FDIV[5:0] effectively divides the Flash module input oscillator
clock down to a frequency of 150kHz - 200kHz. The maximum divide ratio is 512. Please refer to
section 4.1.1 for more information.
3.3.2 FSEC — Flash Security Register
This FSEC register holds all bits associated with the device security.
Figure 3-3 Flash Security Register (FSEC)
All bits in the FSEC register are readable but not writable.
Register address BASE + $100
7
6
5
4
3
2
1
0
R
FDIVLD
PRDIV8
FDIV5
FDIV4
FDIV3
FDIV2
FDIV1
FDIV0
W
RESET:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Register address BASE + $101
76543210
R
KEYEN
NV6
NV5
NV4
NV3
NV2
SEC1
SEC0
W
Reset:
FFFFFFFF
= Unimplemented or Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com