Electronic Components Datasheet Search
  English  ▼

X  

FTS64K Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 30Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 35Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 37Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
FTS64K Block User Guide — Version V01.00
34
4.1.3 Valid Flash Commands
Table 4-1 summarizes the valid Flash User commands. Also shown are the effects of the commands on
the Flash
WARNING
It is not permitted to program a Flash word without first erasing the sector in which that word
resides.
4.1.4 Illegal Flash Operations
The ACCERR flag will be set during the command write sequence if any of the following illegal
operations are performed causing the command write sequence to immediately abort:
1.
Writing to the Flash address space before initializing FCLKDIV.
2.
Writing to the Flash address space in the range $8000-$BFFF when PPAGE register does not select
a 16K bytes page in the Flash block.
3.
Writing a misaligned word or a byte to the valid Flash address space.
4.
Writing to the Flash address space while CBEIF is not set.
5.
Writing a second word to the Flash address space before executing a program or erase command on
the previously written word.
6.
Writing to any Flash register other than FCMD after writing a word to the Flash address space.
7. Writing a second command to the FCMD register before executing the previously written
command.
Table 4-1 Valid Flash Commands
FCMD
Meaning
Flash
$05
Erase
Verify
Verify all memory bytes of the Flash block
are erased.
If the array is erased the BLANK bit will set in
the FSTAT register, upon command
completion.
$20
Program
Program a word (two bytes).
$40
Sector
Erase
Erase 256 words of Flash.
$41
Mass
Erase
Erase all the Flash array.
A mass erase of the full block is only possible
when FPLDIS, FPHDIS and FPOPEN are
set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com