Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8200 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+3.63V
Analog supply voltage, AVDD to AGND
-0.3V
+3.63V
Maximum voltage difference between AGND and DGND
-0.3V
+0.3V
Voltage range digital input (SCLK, SDIN, CSB, CLAMP)
DGND - 0.3V
DVDD + 0.3V
Voltage range analog inputs
AGND - 0.3V
AVDD + 0.3V
Voltage range CLK, MODE inputs
AGND - 0.3V
AVDD + 0.3V
Operating junction temperature range, TJ
-40
°C
+150
°C
Storage temperature
-65
°C
+150
°C
Package Body Temperature (soldering 10 seconds)
+240
°C
Package Body Temperature (soldering 2 minutes)
+183
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Digital supply range
DVDD
3.0
3.3
3.6
V
Analog supply range
AVDD
3.0
3.3
3.6
V
Ground
DGND, AGND
0
V
Clock frequency
fCLK
5
40
MHz
Clock duty cycle
45
50
55
%
Operating Free Air Temperature
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com