Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
6
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 40MHz, 50% duty cycle, MODE = AVDD, VREF=1.0V (REFT = 2.0V, REFB = 1.0V),
PGA gain = 1.0, TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supplies
MODE = AGND
28.5
mA
Analogue supply current
IAVDD
MODE = AVDD
31
mA
Digital supply current
IDVDD
CL = 10pF
5
mA
Standby power consumption
(digital and analogue combined)
IVDD(STBY)
75
uW
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
(Note 1)
0.2 x VDD
V
Input HIGH level
VIH
(Note 1)
0.8 x VDD
V
Output LOW
VOL
IOL = -50
µA
0.4
V
Output HIGH
VOH
IOH = 50
µA
VDD – 0.4
V
Notes
1.
Digital input and output levels refer to the supply used for the input/output buffer on the relevant pin. CLK and MODE
refer to the AVDD supply, all other digital input/output refers to the DVDD supply.
CONTROL INTERFACE TIMING
CSB
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 1: Control Interface Timing
Test Conditions
AVDD = DVDD = 3.0V, AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising
edge
tSCS
60
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK pulse width low
tSCL
30
ns
SCLK pulse width high
tSCH
30
ns
SDIN to SCLK set-up time
tDSU
20
ns
SCLK to SDIN hold time
tDHO
20
ns
CSB pulse width low
tCSL
20
ns
CSB pulse width high
tCSH
20
ns
CSB rising to SCLK rising
tCSS
20
ns
Table 1 Control Interface Timing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com