| Electronic Components Datasheet Search |
|
WM8200 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8200 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc |
|
7 / 15 page ![]() WM8200 Product Preview w PP Rev 1.22 March 2002 7 DEVICE DESCRIPTION INTRODUCTION The WM8200 is a high speed analogue to digital converter (ADC) with on-chip analogue pre- processing and reference generation, deisgned for applications such as composite video digitisation digital copiers and high speed data acquisition. The integrated clamp and the coarse offset function mean the device is ideally suited to CCD/CMOS input systems such as colour scanners, digital copiers and digital cameras. A wide input voltage range between REFB and REFT allows the WM8200 to be used in both imaging and communications systems.The chip architecture consists of: • High bandwidth sample and hold input, which can operate in differential or single- ended mode • Programmable gain amplifier (PGA) • Voltage clamp for DC restoration that can take its reference from an on-chip 10-bit DAC or an external source • Coarse offset function to allow clamping with single ended CCD style inputs • 10-bit, 40MSPS pipeline analogue-to-digital converter (ADC) core • On-chip reference generator and reference buffer (external references can also be used for applications where common or high precision references are required) • 10-bit parallel output for ADC conversion. ADC data can be output in unsigned binary or two’s complement format. An out-of-range output pin indicates when the input signal is outside the converter’s range • Serial control interface to configure the operation of the device. ANALOGUE SIGNAL PATH The WM8200 analogue signal path consists of a DC clamp with a 10-bit clamp level DAC (discussed under ‘DC Clamp’, below), a high-bandwidth sample and hold unit followed by a programmable gain amplifier (PGA) and a fast 10-bit pipelined analogue to digital converter (ADC core). Figure 2 Analogue Input Signal Flow Figure 2 shows the signal flow through the sample and hold unit and the PGA to the ADC core, where the process of analogue to digital conversion is performed against the ADC reference voltages, REFT and REFB (their generation from internal or external reference sources is described later). SAMPLE AND HOLD The differential analogue input signals can be connected directly to the AINN and AINP pins, either DC coupled, AC coupled, or AC coupled with DC restoration using the WM8200 clamp circuit. The differential sample and hold processes VINP and VINN with respect to the voltages applied to the REFT and REFB pins, and produces a differential output VP = VP+ - VP- given by: AINN AINP V P − = For single-ended input signals, the signal can be DC or AC coupled to either AINN or AINNP, and a suitable reference voltage must be applied to the other pin. Note of the input signal is applied to AINN this will result in it being inverted during sampling. SAMPLE AND HOLD AINN AINP X-1 X PGA VP+ VP- REFT REFB ADC CORE VQ+ VQ- |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |