Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
11
CONTROL INTERFACE
The internal control registers are programmable via the 3-wire serial interface. SDIN is used for the
program data, SCLK is used to clock in the data and CSB is used to latch in the program data. The
3-wire interface protocol is shown in Figure 6.
Figure 6: 3-Wire Serial Interface
1.
A[3:0] are Control Address Bits
2.
D[7:0] are Control Data Bits
3.
CSB is edge sensitive – the data is latched on the rising edge of CSB.
REGISTER MAP
Table 3 shows the location of each control bit used to determine the operation of the WM8200. The
procedure for programming the register map is described in the CONTROL INTERFACE section.
BIT
ADDR
NAME
DEFAULT
(HEX)
B7
B6
B5
B4
B3
B2
B1
B0
0000
Clamp Reg 1
00
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
0001
Clamp Reg 2
00
0
0
0
0
0
0
DAC[9]
DAC[8]
0010
PGA Control
01
0
0
PGASENSE
PGAOFF
0
PGA[2]
PGA[1]
PGA[0]
0011
Control
00
0
0
0
CLPSEL
OEB
TWOSC
CLDIS
PD
0100 -
1111
Reserved
00
Reserved, do not write to these register locations
Table 3: Register Map
D7
D6
D5
D4
D3
D2
D1
D0
CSB
SCLK
SDIN
A3
A2
A1
A0
ADDRESS
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com