Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
8
()
()
()
()
Gain
REFB
REFT
]
AINN
AINP
[
Gain
REFT
REFB
×
−
≤
−
≤
×
−
2
2
PROGRAMMABLE-GAIN AMPLIFIER
VP is amplified by the PGA and fed into the ADC as a differential voltage VQ = VQ+ - VQ-
()
INN
INP
P
Q
V
V
Gain
V
Gain
V
−
×
=
×
=
The PGA gain defaults to 1.0 at power-up, but can be programmed from 0.5 to 4.0 in steps of 0.5.
ANALOGUE-TO-DIGITAL CONVERTER
Regardless of the reference configuration, VQ is digitised against ADC Reference voltages REFT and
REFB, full scale values of VQ being given by:
2
REFB
REFT
VQFS
−
=
−
−
=
2
REFB
REFT
V
QZS
Attempts to convert VQ voltages outside the range of VQZS to VQFS are signalled to the application by
driving the OVR output pin high when the conversion result is output. If VQ is less than VQZS, the ADC
output code is 0. If VQ is greater than VQFS, the output code is 1023.
SIGNAL CHAIN SUMMARY
Combining the above equations to find the input voltages [AINP – AINN] that correspond to the limits
of the ADCs valid input range gives:
Therefore the input signal span is given by:
Gain
REFB
REFT
AINN
AINP
−
=
−
In order to match the ADC input range to the input signal amplitude, REFT and REFB should be set
such that:
Gain
)
AINN
AINP
(
REFB
REFT
×
−
=
−
ADC REFERENCE MODES
The WM8200 references REFT and REFB can be driven from external (off-chip) sources or from the
internal reference generation/buffer circuit. The mode of operation is selected by the voltage applied
to the MODE pin. These are summarised and explained in Table 2.
Note that the internally generated ADC references are intended solely for WM8200 internal use and
REFT and REFB must not be used as voltage references for any other device in the application.
MODE
PIN
MODE
FUNCTION
COMMENTS
AGND
Full external
external
REFT
=
external
REFB
=
On-chip reference generator and reference buffer are
not used.
AVDD
Top/Bottom
()
2
REFBS
REFTS
AVDD
REFTF
−
+
=
()
2
REFBS
REFTS
AVDD
REFBF
−
−
=
On-chip reference generator is not used. Reference
buffer centers external reference voltages around
AVDD/2.
Table 2 WM8200 Reference Generation Modes
and zero scale by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com