Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
12
REGISTER MAP DESCRIPTION
REGISTER
BIT
BIT
NAMES
DEFAULT
DESCRIPTION
Clamp
Register 1
7:0
DAC[7:0]
00000000
Clamp DAC value bits 7 to 0 (Unsigned binary format)
Clamp
Register 2
1:0
DAC[9:8]
00
Clamp DAC value bits 9 to 8 (Unsigned binary format)
PGA Gain control
000: PGA Gain = 0.5x
100: PGA Gain = 2.5x
001: PGA Gain = 1.0x
101: PGA Gain = 3.0x
010: PGA Gain = 1.5x
110: PGA Gain = 3.5x
2:0
PGA[2:0]
001
011: PGA Gain = 2.0x
111: PGA Gain = 4.0x
4
PGAOFF
0
Enables a coarse offset to be added to the output of the PGA. Allows the
use of single ended input signals with no loss of ADC dynamic range.
PGA
Control
Register
5
PGASENSE
0
Determines the sense of the coarse offset added to the output of the PGA.
This bit only has an effect when PGAOFF=1.
0: PGA output is offset to full-scale positive for zero differential input
(suitable for negative going video).
1: PGA output is offset to full-scale negative for zero differential input
(suitable for positive going video).
0
PD
0
Device power-down
0: Device is powered up
1: Device is powered down.
1
CLDIS
0
CLAMP amplifier enable (for power saving)
0: Enable
1: Disable
2
TWOSC
0
Output data format
0: Unsigned binary
1: Twos complement
3
OEB
0
Output data pin enable
0: DO[9:0]/DO[11:0] enabled
1: DO[9:0]/DO[11:0] disabled (outputs are high impedance).
Control
Register
4
CLPSEL
0
Clamp source select
0: Clamp to output of Clamp DAC
1: Clamp to voltage on AINN input pin
POWER MANAGEMENT
In power-sensitive applications (such as battery-powered systems) where the WM8200 ADC is not
required to convert continuously, power can be saved between conversion intervals by placing the
WM8200 into Power Down mode. This is achieved by setting bit 0 (PD) of the control register to 1. In
Power Down mode, the device typically consumes less than 3mW of power. Power down mode is
exited by resetting control register bit 1 to 0. On power up from long periods of power down, the
WM8200 typically requires 5ms of wake up time before valid conversion results are available.
In systems where the ADC must run continuously, but where the clamp is not required, the supply
current can be reduced by approximately 1.2mA by setting the control register bit 1 (CLDIS), which
disables the clamp circuit. Similarly, when REFSENSE is tied to AVDD, the reference generator is
disabled and supply current reduced by approximately 1.2mA.
DATA OUTPUT FORMAT
While the OEB pin is held low, ADC conversion results are output at the data I/O pins DO[0] (LSB) to
DO[9] (MSB). The default output data format is unsigned binary (output codes 0 to 1023). This can
be switched to two’s complement format (output codes -512 to 511) by setting control register bit 2
(TWOSC) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com