Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8200 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
3
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DO1
DO3
Digital Output
Digital output bit
2
DO2
DO4
Digital Output
Digital output bit
3
DO3
DO5
Digital Output
Digital output bit
4
DO4
DO6
Digital Output
Digital output bit
5
DO5
DO7
Digital Output
Digital output bit
6
DO6
DO8
Digital Output
Digital output bit
7
DO7
DO9
Digital Output
Digital output bit
8
DO8
DO10
Digital Output
Digital output bit
9
DO9
DO11
Digital Output
Digital output bit (MSB)
10
SCLK
Digital Input
3-Wire Control Interface Clock Input
11
DGND
Ground
Negative Digital Supply
12
CLK
Analogue Input
Clock input
13
CSB
Digital Input
3-Wire Control Interface Chip Select
14
SDIN
Digital Input
3-Wire Control Interface Data Input
15
REFSENSE
Analogue Input
VREF feedback/configuration control
16
CLAMP
Digital Input
High to enable clamp mode, low to disable clamp mode
17
REFT
Analogue Input/Output
Top ADC reference voltage
18
MODE
Analogue Input
High (MODE=AVDD) to enable internal ADC references.
Low (MODE=AVSS) to enable use of external ADC references applied to
REFT and REFB.
19
REFB
Analogue Input/Output
Bottom ADC reference voltage
20
AINN
Analogue Input
Positive analogue input
21
AINP
Analogue Input
Negative analogue Input
22
VREF
Analogue Input/Output
Internal/external reference voltage
23
AVDD
Supply
Positive Analogue Supply
24
AGND
Ground
Negative Analogue Supply
25
DVDD
Supply
Positive Digital Supply
26
NC
DO0
Digital Output
Not internally connected (10-bit option)/
Digital output bit (LSB for 12-bit option only)
27
NC
DO1
Digital Output
Not internally connected (10-bit option) /
Digital output bit (for 12-bit Option Only)
28
DO0
DO2
Digital Output
Digital output bit (LSB for 10-bit Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com