Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8200 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
5
ELECTRICAL CHARACTERISTICS
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 40MHz, 50% duty cycle, MODE = AVDD, VREF=1.0V (REFT = 2.0V, REFB = 1.0V),
PGA gain = 1.0, TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Accuracy
Integral nonlinearity
INL
±1.0
LSB
Differential nonlinearity
DNL
±0.3
LSB
Offset error
0.7
% of FSR
Full scale error
2.2
% of FSR
Missing codes
No missing codes guaranteed
Analogue Input Signal to AIN pins
Differential analogue input
voltage (AINP-AINN)
PGA=1x gain
-1
1
V
Switched input capacitance
1.2
pF
Conversion Characteristics
Conversion frequency
fCLK
5
40
MHz
Pipeline delay
4
cycles of
CLK
Dynamic Performance (differential input mode)
fIN = 4.8MHz
9.6
Effective number of bits
ENOB
fIN = 20MHz
9.5
bits
fIN = 4.8MHz
72
Spurious free dynamic range
SFDR
fIN = 20MHz
70
dB
fIN = 4.8MHz
-72.5
Total harmonic distortion
THD
fIN = 20MHz
-71.6
dB
fIN = 4.8MHz
60
Signal to noise ratio
SNR
fIN = 20MHz
57
dB
fIN = 4.8MHz
59.7
Signal to noise and distortion
ratio
SINAD
fIN = 20MHz
59.6
dB
PGA
Gain range (linear scale)
0.5
4
V/V
Gain step size (linear scale)
0.5
V/V
Clamp
Clamp DAC resolution
10
bits
Clamp DAC output voltage
REFB
REFT
V
Clamp DAC DNL
±1
LSB
Clamp output voltage error
-40
40
mV
REFB, REFT internal ADC reference voltage outputs (MODE= AVDD)
VREF = 0.5V
1.75
Reference voltage top, REFT
(AVDD=3V)
VREF= 1.0V
2
VREF = 0.5V
1.25
Reference voltage bottom,
REFB (AVDD=3V)
VREF= 1.0V
1
VREF Input / Output specifications (ADC Input Range = VREFx2)
Internal 0.5V reference to VREF
REFSENSE = VREF
0.5
V
Internal 1V reference to VREF
REFSENSE = AGND
1
V
External reference applied to
VREF pin
REFSENSE = AVDD
0.5
1
V
Input impedance in internal ADC
reference mode
REFSENSE = AVDD,
MODE = AVDD
14
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com