Electronic Components Datasheet Search
  English  ▼

X  

WM8200 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
14
REFERENCE DECOUPLING
VREF, REFT and REFB must be decoupled as shown in Figure 11.
REFT
REFB
WM8200-10/12
100 nF
100 nF
100 nF
+
10
µµµµF
100 nF
+
VREF
10
µµµµF
Figure 11: VREF, REFT and REFB decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com