Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 19Page - Microchip Technology MCP4725 Datasheet HTML 20Page - Microchip Technology MCP4725 Datasheet HTML 21Page - Microchip Technology MCP4725 Datasheet HTML 22Page - Microchip Technology MCP4725 Datasheet HTML 23Page - Microchip Technology MCP4725 Datasheet HTML 24Page - Microchip Technology MCP4725 Datasheet HTML 25Page - Microchip Technology MCP4725 Datasheet HTML 26Page - Microchip Technology MCP4725 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 23
MCP47A1
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follow.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP47A1
3.1
Positive Power Supply Input (VDD)
The VDD pin is the device’s positive power supply input.
The input power supply is relative to VSS and can range
from 1.8V to 5.5V. A decoupling capacitor on VDD
(to VSS) is recommended to achieve maximum
performance. Analog specifications are tested from
2.7V.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
3.3
I2C Serial Clock (SCL)
The SCL pin is the serial clock pin of the I2C interface.
The MCP47A1 acts only as a slave and the SCL pin
accepts only external serial clocks. The SCL pin is an
open-drain output. Refer to
Section 5.0 “Serial
Interface - I2C Module” for more details of I2C Serial
Interface communication.
3.4
I2C Serial Data (SDA)
The SDA pin is the serial data pin of the I2C interface.
The SDA pin has a Schmitt trigger input and an
open-drain output. Refer to
Section 5.0 “Serial
Interface - I2C Module” for more details of I2C Serial
Interface communication.
3.5
Analog Output Voltage Pin (VOUT)
VOUT is the DAC analog output pin. The DAC output
has an output amplifier.
VOUT can swing from approximately VZS (= VSS) to VFS
(= VREF). In normal mode, the DC impedance of the
output pin is about 1
 . See Section 7.0 “Output
Buffer” for more information.
3.6
Voltage Reference Pin (VREF)
This pin is the external voltage reference input. The
VREF pin signal is unbuffered so the reference voltage
must have the current capability not to drop its voltage
when connected to the internal resistor ladder circuit
(20 k
 typical). See Section 6.0 “Resistor Network”
for more information.
Pin
Name
Package
Pin
Type
Buffer
Type
Function
SC70-6
VDD
1
P
—
Positive Power Supply Input
VSS
2
P
—
Ground
SCL
3
I/O
ST (OD)
I2C Serial Clock pin
SDA
4
I/O
ST (OD)
I2C Serial Data pin
VOUT
5
I/O
A
Output voltage
VREF
6
I/O
A
Reference Voltage for VOUT output
Legend: A = Analog input
ST (OD) = Schmitt Trigger with Open Drain
I = Input
O = Output
I/O = Input/Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com