Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 39Page - Microchip Technology MCP4725 Datasheet HTML 40Page - Microchip Technology MCP4725 Datasheet HTML 41Page - Microchip Technology MCP4725 Datasheet HTML 42Page - Microchip Technology MCP4725 Datasheet HTML 43Page - Microchip Technology MCP4725 Datasheet HTML 44Page - Microchip Technology MCP4725 Datasheet HTML 45Page - Microchip Technology MCP4725 Datasheet HTML 46Page - Microchip Technology MCP4725 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 43
MCP47A1
7.1.3
AMPLIFIER INPUT VOLTAGE (VW)
To ensure that the amplifier is operating in its linear
range, the voltage (VW) into the output amplifier’s input
has requirements that must be met.
For device VDD voltages  2.7V, the amplifier is in the
linear region for all VREF voltages ( 1.0V) and DAC
register codes.
For device VDD voltages < 2.7V, there will be a voltage
where the amplifier output is no longer linear with the
amplifier input voltage (VW). This is shown in Figure 2-
20, where VDD = 1.8V and the VREF = 1.6V. Higher
DAC register codes are the first to encounter the
nonlinearity of the output buffer. The nonlinearity is also
influenced by the temperature of operation.
Figure 7-2 shows the trend of the amplifier linearity
based on the device VDD / VREF voltages and the input
voltage to the amplifier. The trend will also be affected
by device temperature. VNL is the voltage where the
amplifier’s output becomes nonlinear. While the VW
voltage is less than the VNL voltage, the amplifier’s out-
put is linear. Once the device VDD has been lowered to
where the amplifier’s nonlinear range increases, the
two methods to keep VW < VNL are:
1.
Lower the VREF voltage
2.
Decrease the DAC Register code
Both methods reduce the maximum usable output
voltage.
FIGURE 7-2:
Amplifier Input (VW) to
Amplifier Output (VOUT) General Characteristics
(VREF = VDD).
Figure 7-3 shows the equations for solving for VOUT
voltage, the VREF voltage, or the maximum DAC
Register code, based on knowing the requirements for
two of these variables. For VDD voltages below the
specified analog performance voltage (2.7V), the
calibration of the device could be done to ensure VOUT
voltage is not driven into the output amplifier nonlinear
region via the DAC Register value / VREF voltage.
Using the measured VNL voltage as the VOUT voltage
will allow you to balance your selection of the VREF
voltage and maximum DAC Code. The DAC Register
code of 64 is the full-scale code.
FIGURE 7-3:
Solving for VOUT, VREF, or
DAC Register Code.
Ideal
VOUT
VW
0VDD / VREF
VDD /
Actual
VREF
(Based on device
VDD = 1.8V
VDD = 5.5V
VDD and temperature)
VOUT = VREF *
DAC Code
64
VREF =
64 * VOUT
DAC Code
DAC Code =
64 * VOUT
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com