Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 61Page - Microchip Technology MCP4725 Datasheet HTML 62Page - Microchip Technology MCP4725 Datasheet HTML 63Page - Microchip Technology MCP4725 Datasheet HTML 64Page - Microchip Technology MCP4725 Datasheet HTML 65Page - Microchip Technology MCP4725 Datasheet HTML 66Page - Microchip Technology MCP4725 Datasheet HTML 67Page - Microchip Technology MCP4725 Datasheet HTML 68Page - Microchip Technology MCP4725 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 65
MCP47A1
B.13
Settling Time
The Settling time is the time delay required for the VOUT
voltage to settle into its new output value. This time is
measured from the start of code transition, to when the
VOUT voltage is within the specified accuracy.
In the MCP47A1, the settling time is a measure of the
time delay until the VOUT voltage reaches within 0.5
LSb of its final value, when the volatile DAC Register
changes from 40h to 50h.
See Figure 2-36 through Figure 2-39 for Settling Time
oscilloscope screen captures.
B.14
Major-Code Transition Glitch
Major-code transition glitch is the impulse energy
injected into the DAC analog output when the code in
the DAC register changes state. It is normally specified
as the area of the glitch in nV-Sec, and is measured
when the digital code is changed by 1 LSb at the major
carry transition (Example: Wiper code changes from
“011111”
to
“100000”,
or
from
“100000”
to
“011111”).
B.15
Digital Feedthrough
The Digital feedthrough is the glitch that appears at the
analog output caused by coupling from the digital input
pins of the device. The area of the glitch is expressed
in nV-Sec, and is measured with a full scale change
(Example: all 0s to all 1s and vice versa) on the digital
input pins. The digital feedthrough is measured when
the DAC is not being written to the output register.
B.16
Power-Supply Rejection Ratio
(PSRR)
PSRR indicates how the output of the DAC is affected
by changes in the supply voltage. PSRR is the ratio of
the change in VOUT to a change in VDD for full-scale
output of the DAC. The VOUT is measured while the
VDD is varied +/- 10%, and expressed in dB or µV/V.
B.17
Ratiometric Temperature
Coefficient
The ratiometric temperature coefficient quantifies the
error in the ratio of the resistor setting (Resistance from
VREF pin to Wiper position (RVREF-W) and the Wiper
position to Ground (RW-VSS) due to temperature drift.
This error also includes the drift of the output driver
over temperature. This is typically the critical error
when using a DAC.
See Figure 2-21 through Figure 2-24 for Tempco
characterization graphs.
B.18
Absolute Temperature Coefficient
The absolute temperature coefficient quantifies the
error in the end-to-end output voltage (Nominal output
voltage VOUT) due to temperature drift. For a DAC, this
error is typically not an issue, due to the ratiometric
aspect of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com