Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 48Page - Microchip Technology MCP4725 Datasheet HTML 49Page - Microchip Technology MCP4725 Datasheet HTML 50Page - Microchip Technology MCP4725 Datasheet HTML 51Page - Microchip Technology MCP4725 Datasheet HTML 52Page - Microchip Technology MCP4725 Datasheet HTML 53Page - Microchip Technology MCP4725 Datasheet HTML 54Page - Microchip Technology MCP4725 Datasheet HTML 55Page - Microchip Technology MCP4725 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
MCP47A1
DS25154A-page 52
 2012 Microchip Technology Inc.
8.6
Design Considerations
8.6.1
POWER SUPPLY
CONSIDERATIONS (NOISE)
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP47A1’s performance.
Careful board layout minimizes these effects and
increases the Signal-to-Noise Ratio (SNR). Multi-layer
boards
utilizing a low-inductance ground plane,
isolated inputs, isolated outputs and proper decoupling
are suggested. Particularly harsh environments may
require shielding of critical signals.
The device’s power sources (VDD and VREF) should be
as clean as possible. Any noise induced on the VDD
and VREF signals can affect the DAC performance.
Separate digital and analog ground planes are
recommended.
Typical applications require a bypass capacitor in order
to filter high-frequency noise on the VDD and VREF sig-
nals. The noise can be induced onto the power supply’s
traces or as a result of changes on the DAC output. The
bypass capacitor helps to minimize the effect of these
noise sources on signal integrity. Figure 8-8 illustrates
an appropriate bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close to the device power pin (VDD) as possible (within
4mm).
Separate digital and analog ground planes are
recommended. In this case, the VSS pin and the ground
pins of the VDD capacitors should be terminated to the
analog ground plane and VDD and VSS should reside
on the analog plane.
Figure 8-9 shows an example of using two bypass
capacitors (a 10 µF tantalum capacitor and a 0.1 µF
ceramic capacitor) in parallel on the VDD line. These
capacitors should be placed as close to the VDD pin as
possible (within 4 mm). If the application circuit has
separate digital and analog power supplies, the VDD
and VSS pins of the device should reside on the analog
plane.
FIGURE 8-8:
Typical Microcontroller
Connections.
FIGURE 8-9:
Example MCP47A1 Circuit.
Note:
Breadboards and wire-wrapped boards
are not recommended.
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
SCL
SDA
VOUT
VREF
Analog
VDD
1
2
3
6
4
VDD
SCL
SDA
VSS
VOUT
5
R1
R2
To MCU
R1 and R2 are I2C pull-up resistors:
R1 and R2:
5k
 - 10 k for f
SCL
= 100 kHz to 400 kHz
C1:
0.1 µF capacitor
Ceramic
C2:
10 µF capacitor
Tantalum
C3:
~ 0.1 µF
Optional to reduce noise
in VOUT pin.
C4:
0.1 µF capacitor
Ceramic
C5:
10 µF capacitor
Tantalum
C2
C1
C3
Optional
Output
VREF
C4
Optional
VREF
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com