Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 2Page - Microchip Technology MCP4725 Datasheet HTML 3Page - Microchip Technology MCP4725 Datasheet HTML 4Page - Microchip Technology MCP4725 Datasheet HTML 5Page - Microchip Technology MCP4725 Datasheet HTML 6Page - Microchip Technology MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology MCP4725 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
MCP47A1
DS25154A-page 6
 2012 Microchip Technology Inc.
Resistance
(± 20%)
RVREF
16.0
20
24.0
k
Note 1,
Resolution
N
65
Taps
No Missing Codes
Step Resistance
RS
—RVREF / 64
—
Note 3
Nominal
Resistance
Tempco
R
VREF/T
—
50
—
ppm/°C
TA = -20°C to +70°C
—
100
—
ppm/°C
TA = -40°C to +85°C
—
150
—
ppm/°C
TA = -40°C to +125°C
Ratiometeric
Tempco
V
OUT/T
—
15
—
ppm/°C
Code = Midscale (20h)
VOUT Accuracy
0.72
0.75
0.78
V
VREF = 1.5V, code = 20h
VOUT Load
LVOUTR
5—
—
k
Resistive Load
LVOUTC
—
—
1
nF
Capacitive Load
Maximum current
through Terminal
(VREF) Note 3
IVREF
——
345
µA
VREF = 5.5V
Leakage current
into VREF
IL
—
100
—
nA
VREF = VSS
Full-Scale Error
(code = 40h)
VFSE
-1
±0.35
+1
LSb
VREF = VDD
Zero-Scale Error
(code = 00h)
VZSE
-0.75
±0.35
+0.75
LSb
VREF = VDD
VOUT Integral
Nonlinearity
INL
-1
±0.25
+1
LSb
Note 2, V
REF = VDD
VOUT Differential
Nonlinearity
DNL
-0.5
±0.25
+0.5
LSb
Note 2, V
REF = VDD
Bandwidth -3 dB
BW
—
100
—
kHz
VDD = 5.0V, VREF = 3.0V ± 2.0V,
Code = 20h
Capacitance
(VREF)
CREF
—
75
—
pF
f =1 MHz, Code = Full-Scale
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 T
A  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to +5.5V. CL = 1 nF, RL = 5 k .
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between the VREF pin and the VSS pin.
2:
INL and DNL are measured at VOUT from Code = 00h (Zero-Scale) through Code = 3Fh (Full-Scale - 1).
3:
This specification by design.
4:
Nonlinearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
5:
POR/BOR is not rate dependent.
6:
Supply current is independent of VREF current.
7:
See
Section 7.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com