Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 41Page - Microchip Technology MCP4725 Datasheet HTML 42Page - Microchip Technology MCP4725 Datasheet HTML 43Page - Microchip Technology MCP4725 Datasheet HTML 44Page - Microchip Technology MCP4725 Datasheet HTML 45Page - Microchip Technology MCP4725 Datasheet HTML 46Page - Microchip Technology MCP4725 Datasheet HTML 47Page - Microchip Technology MCP4725 Datasheet HTML 48Page - Microchip Technology MCP4725 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 45
MCP47A1
7.4
Output Errors
The output error is caused by two factors. These are:
• Characteristics of the Resistor Network
• Characteristics of the Output Buffer
Figure 7-6 shows the components of the error on the
output voltage. The first part of the error is from the
resistor ladder and the RFS and RZS resistances. The
second part is due to the output buffer’s input offset
characteristics.
The RFS and RZS resistances affect the voltage
between VZS and VFS. The larger that RFS + RZS is, the
smaller that the step voltage (VS) will be (from the
theoretical step voltage). The increase in the RFS and
RZS resistances also effects the Full Scale Error (FSE),
Zero Scale Error (ZSE), and gain error.
Table 7-2 compares theoretical resistor network volt-
ages for full scale and zero scale, where RFS = RZS =
0
 , to an example where R
FS and RZS and non-zero.
The voltage calculations show cases of VREF = 5.0V
and VREF = 1.5V. Figure 2-34 shows RVREF, RFS, and
RZS resistances VDD.
So, as the voltage reference (VREF) decreases, the
Step voltages (VS) decrease. At a low VREF voltage, the
step voltage approaches the magnitude of the output
buffer’s input offset voltage (design target of ± 4.5 mV).
So, for low VREF voltages, the output buffer errors have
greater influence on the VOUT voltage.
TABLE 7-2:
CALCULATION COMPARISON
FIGURE 7-6:
Output Voltage (VOUT) Error.
Example Theoretical
Delta
RVREF
20,180
—
RFS
100
0
100
RZS
80
0
80
R1 + 64*RS +
R2
30,000
30,180
- 180
R1, RAB, R2
10,000
10,060
- 60
VREF
5.00 V
—
VFS
3.3267 V
3.3333 V
- 6.6 mV
VZS
1.6700 V
1.6667 V
+ 3.3 mV
VS
25.88 mV
26.04 mV
- 0.16 mV
VREF
1.5V
—
VFS
0.9980 V
1.0000 V
- 2.0 mV
VZS
0.5010 V
0.5000 V
+ 1.0 mV
VS
7.766 mV
7.813 mV
- 0.047mV
Note 1: R
VREF = R1 + RAB + R2 ,
RAB = RFS + 64*RS + RZS.
VS = (VFS - VZS) / 64
VREF
VSS
( RFS 0 )
( RZS 0 )
Theoretical VFS ( VREF )
Theoretical VZS ( VSS )
VFS-RL
VZS-RL
Variations due to Output Buffer’s
Input Offset voltage and Buffer’s Impedance / Load
(Due to RFS 0)
VOUT(FS)
VOUT(ZS)
(Due to RZS 0)
Step Voltage (VS) =
* VREF
(VFS - VZS)
64
VS = VREF / 64
VREF
VS
78.125mV 42.19mV
28.13mV 23.44mV 15.63mV
5.0V
2.7V
1.8V
1.5V
1.0V
when RFS = RZS = 0 .
When:
RFS = RZS = 0 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com