Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 60Page - Microchip Technology MCP4725 Datasheet HTML 61Page - Microchip Technology MCP4725 Datasheet HTML 62Page - Microchip Technology MCP4725 Datasheet HTML 63Page - Microchip Technology MCP4725 Datasheet HTML 64Page - Microchip Technology MCP4725 Datasheet HTML 65Page - Microchip Technology MCP4725 Datasheet HTML 66Page - Microchip Technology MCP4725 Datasheet HTML 67Page - Microchip Technology MCP4725 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
MCP47A1
DS25154A-page 64
 2012 Microchip Technology Inc.
B.11
Integral Nonlinearity (INL)
The Integral Nonlinearity (INL) error is the maximum
deviation of an actual transfer function from an ideal
transfer function (straight line).
In the MCP47A1, INL is calculated using two end
points. The points used are Zero-Scale (00h) and Full-
Scale - 1 (3Fh). INL can be expressed as a percentage
of full scale range (FSR) or in a fraction of an LSb. INL
is also called relative accuracy. Equation B-5 shows
how to calculate the INL error in LSb and Figure B-4
shows an example of INL accuracy.
INL error for these devices is the maximum deviation
between an actual code transition point and its
corresponding ideal transition point after offset and
gain errors have been removed. These endpoints are
from 0x00 to 0x40 for the MCP47A1. Refer to Figure B-
4.
Positive INL means higher VOUT voltage than ideal.
Negative INL means lower VOUT voltage than ideal.
See Figure 2-1 through Figure 2-4 for INL character-
ization graphs.
EQUATION B-5:
INL ERROR
FIGURE B-4:
INL ACCURACY.
B.12
Differential Nonlinearity (DNL)
The Differential Nonlinearity (DNL) error (see Figure B-
5) is the measure of step size between codes in actual
transfer function. The ideal step size between codes is
1 LSb. A DNL error of zero would imply that every code
is exactly 1 LSb wide. If the DNL error is less than
1 LSb, the DAC guarantees monotonic output and no
missing codes. The DNL error between any two
adjacent codes is calculated as follows:
DNL error is the measure of variations in code widths
from the ideal code width. A DNL error of zero would
imply that every code is exactly 1 LSb wide.
See Figure 2-5 through Figure 2-8 for DNL character-
ization graphs.
EQUATION B-6:
DNL ERROR
FIGURE B-5:
DNL ACCURACY.
INLLSb =
VOUT - VIDEAL
VS
VIDEAL = VZS + ( VS * DAC Code )
VS =
V(Code=63) - VZS
63
111
110
101
100
011
010
001
000
Wiper
Code
Actual
transfer
function
INL < 0
Ideal transfer
function
INL < 0
VOUT Output Voltage
DNLLSb =
VS - ( V(Code = n) - V(Code = n-1) )
VS
VS =
V(Code=63) - VZS
63
111
110
101
100
011
010
001
000
Wiper
Code
Actual
transfer
function
Ideal transfer
function
Narrow code < 1 LSb
Wide code, > 1 LSb
VOUT Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com