Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 46Page - Microchip Technology MCP4725 Datasheet HTML 47Page - Microchip Technology MCP4725 Datasheet HTML 48Page - Microchip Technology MCP4725 Datasheet HTML 49Page - Microchip Technology MCP4725 Datasheet HTML 50Page - Microchip Technology MCP4725 Datasheet HTML 51Page - Microchip Technology MCP4725 Datasheet HTML 52Page - Microchip Technology MCP4725 Datasheet HTML 53Page - Microchip Technology MCP4725 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
MCP47A1
DS25154A-page 50
 2012 Microchip Technology Inc.
8.3
Building Programmable Current
Source
Figure 8-6
shows
an
example
of
building
a
programmable current source using a voltage follower.
The current sensor resistor is used to convert the DAC
voltage output into a digitally-selectable current source.
The smaller RSENSE is, the less power is dissipated
across it. However, this also reduces the resolution that
the current can be controlled.
FIGURE 8-6:
Digitally-Controlled Current
Source.
8.4
Serial Interface Communication
Times
Table 8-1 shows time for each I2C serial interface
command as well as the effective data update rate that
can be supported by the digital interface (based on the
two I2C serial interface frequencies). The continuous
write command allows a higher data update frequency
since
for
the
fixed
overhead
more
bytes
are
transferred. The Serial Interface performance, along
with the VOUT output performance (such as slew rate),
would be used to determine the application’s volatile
DAC register update rate.
TABLE 8-1:
SERIAL INTERFACE TIMES / FREQUENCIES
RSENSE
Ib
Load
IL
VCC+
VCC–
VOUT
I
L
V
OUT
R
sense
---------------
1
+
-------------
=
I
b
I
L
----
=
Common-Emitter Current Gain
where
VDD
I2C™
2-wire
VREF
MCP47A1
VDD
(or VREF)
Command
# of Serial
Interface bits(1)
Example
Command
Time (µs)
Effective Data Update
Frequency (kHz) (2)
# Bytes
Transferred
# of Serial
Interface bits
100kHz
400kHz
100kHz
400kHz
Write Single Byte
29
1
29
290.0
72.5
3.4
13.8
Write Continuous Bytes
20 + N * 9
5
65
650.0
162.5
7.7
30.8
Read Byte
39
1
39
390.0
97.5
2.6
10.3
Note 1:
Includes the Start or Stop bits.
2:
This is the command frequency multiplied by the number of bytes transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com