Electronic Components Datasheet Search
  English  ▼

X  

MCP4725 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 38Page - Microchip Technology MCP4725 Datasheet HTML 39Page - Microchip Technology MCP4725 Datasheet HTML 40Page - Microchip Technology MCP4725 Datasheet HTML 41Page - Microchip Technology MCP4725 Datasheet HTML 42Page - Microchip Technology MCP4725 Datasheet HTML 43Page - Microchip Technology MCP4725 Datasheet HTML 44Page - Microchip Technology MCP4725 Datasheet HTML 45Page - Microchip Technology MCP4725 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
MCP47A1
DS25154A-page 42
 2012 Microchip Technology Inc.
TABLE 7-1:
THEORETICAL DAC OUTPUT VALUES
Wiper Value
VOUT ( 1)
Wiper Value
VOUT ( 1)
Ratio
VREF
Ratio
VREF
Hex
Dec
1.5
3.3
5.0
Hex
Dec
1.5
3.3
5.0
00h
0
0.0000
0.0000
0.0000
0.0000
20h
32
0.5000
0.7500
1.6500
2.5000
01h
1
0.0156
0.0234
0.0516
0.0781
21h
33
0.5156
0.7734
1.7016
2.5781
02h
2
0.0313
0.0469
0.1031
0.1563
22h
34
0.5313
0.7969
1.7531
2.6563
03h
3
0.0469
0.0703
0.1547
0.2344
23h
35
0.5469
0.8203
1.8047
2.7344
04h
4
0.0625
0.0938
0.2063
0.3125
24h
36
0.5625
0.8438
1.8563
2.8125
05h
5
0.0781
0.1172
0.2578
0.3906
25h
37
0.5781
0.8672
1.9078
2.8906
06h
6
0.0938
0.1406
0.3094
0.4688
26h
38
0.5938
0.8906
1.9594
2.9688
07h
7
0.1094
0.1641
0.3609
0.5469
27h
39
0.6094
0.9141
2.0109
3.0469
08h
8
0.1250
0.1875
0.4125
0.6250
28h
40
0.6250
0.9375
2.0625
3.1250
09h
9
0.1406
0.2109
0.4641
0.7031
29h
41
0.6406
0.9609
2.1141
3.2031
0Ah
10
0.1563
0.2344
0.5156
0.7813
2Ah
42
0.6563
0.9844
2.1656
3.2813
0Bh
11
0.1719
0.2578
0.5672
0.8594
2Bh
43
0.6719
1.0078
2.2172
3.3594
0Ch
12
0.1875
0.2813
0.6188
0.9375
2Ch
44
0.6875
1.0313
2.2688
3.4375
0Dh
13
0.2031
0.3047
0.6703
1.0156
2Dh
45
0.7031
1.0547
2.3203
3.5156
0Eh
14
0.2188
0.3281
0.7219
1.0938
2Eh
46
0.7188
1.0781
2.3719
3.5938
0Fh
15
0.2344
0.3516
0.7734
1.1719
2Fh
47
0.7344
1.1016
2.4234
3.6719
10h
16
0.2500
0.3575
0.8250
1.2500
30h
48
0.7500
1.1250
2.4750
3.7500
11h
17
0.2656
0.3984
0.8766
1.3281
31h
49
0.7656
1.1484
2.5266
3.8281
12h
18
0.2813
0.4219
0.9281
1.4063
32h
50
0.7813
1.1719
2.5781
3.9063
13h
19
0.2969
0.4453
0.9797
1.4844
33h
51
0.7969
1.1953
2.6297
3.9844
14h
20
0.3125
0.4688
1.0313
1.5625
34h
52
0.8125
1.2188
2.6813
4.0625
15h
21
0.3281
0.4922
1.0828
1.6406
35h
53
0.8281
1.2422
2.7328
4.1406
16h
22
0.3438
0.5156
1.1344
1.7188
36h
54
0.8438
1.2656
2.7844
4.2188
17h
23
0.3594
0.5391
1.1859
1.7969
37h
55
0.8594
1.2891
2.8359
4.2969
18h
24
0.3750
0.5625
1.2375
1.8750
38h
56
0.8750
1.3125
2.8875
4.3750
19h
25
0.3906
0.5859
1.2891
1.9531
39h
57
0.8906
1.3359
2.9391
4.4531
1Ah
26
0.4063
0.6094
1.3406
2.0313
3Ah
58
0.9063
1.3594
2.9906
4.5313
1Bh
27
0.4219
0.6328
1.3922
2.1094
3Bh
59
0.9219
1.3828
3.0422
4.6094
1Ch
28
0.4375
0.6563
1.4438
2.1875
3Ch
60
0.9375
1.4063
3.0938
4.6875
1Dh
29
0.4531
0.6797
1.4953
2.2656
3Dh
61
0.9531
1.4297
3.1453
4.7656
1Eh
30
0.4688
0.7031
1.5469
2.3438
3Eh
62
0.9688
1.4531
3.1969
4.8438
1Fh
31
0.4844
0.7266
1.5984
2.4219
3Fh
63
0.9844
1.4766
3.2484
4.9219
40h
64
1.0000
1.5000
3.3000
5.0000
Note 1:
VOUT voltages based on RFS and RZS = 0 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com